Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M5474HC564 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M5474HC564
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5474HC564 Datasheet(HTML) 2 Page - STMicroelectronics

  M5474HC564 Datasheet HTML 1Page - STMicroelectronics M5474HC564 Datasheet HTML 2Page - STMicroelectronics M5474HC564 Datasheet HTML 3Page - STMicroelectronics M5474HC564 Datasheet HTML 4Page - STMicroelectronics M5474HC564 Datasheet HTML 5Page - STMicroelectronics M5474HC564 Datasheet HTML 6Page - STMicroelectronics M5474HC564 Datasheet HTML 7Page - STMicroelectronics M5474HC564 Datasheet HTML 8Page - STMicroelectronics M5474HC564 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HC564)
PIN No
SYMBOL
NAME AND FUNCTION
1
OE
3 State output Enable
Input (Active LOW)
2, 3, 4, 5,
6, 7, 8, 9,
10
D0 to D7
Data Inputs
12, 13, 14,
15, 16, 17,
18, 19
Q0 to Q7
3 State outputs
11
CLOCK
Clock Input (LOW to
HIGH, edge triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC574)
PIN No
SYMBOL
NAME AND FUNCTION
1
OE
3 State output Enable
Input (Active LOW)
2, 3, 4, 5,
6, 7, 8, 9,
10
D0 to D7
Data Inputs
12, 13, 14,
15, 16, 17,
18, 19
Q0 to Q7
3 State outputs
11
CLOCK
Clock Input (LOW to
HIGH, edge triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
IEC LOGIC SYMBOLS
HC574
HC564
M54/M74HC564/574
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com