Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
ADGM3144
REGISTER DETAILS
analog.com
Rev. 0 | 29 of 30
SWITCH DATA REGISTER
Address: 0x20, Reset: 0x00, Name: SWITCH_DATA
The switch data register controls the status of the four switches of the ADGM3144.
Table 11. Bit Descriptions for SWITCH_DATA
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
INTERNAL_ERROR
These bits determine if an internal error has occurred.
0x0
R
00 No error detected.
01 Error detected.
10 Error detected.
11 Error detected.
[5:4]
RESERVED
These bits are reserved; set these bits to 0.
0x0
R
3
SW1_EN
Enable bit for Switch 1.
0x0
R/W
0 Switch RF1 open.
1 Switch RF1 closed.
2
SW2_EN
Enable bit for Switch 2.
0x0
R/W
0 Switch RF2 open.
1 Switch RF2 closed.
1
SW3_EN
Enable bit for Switch 3.
0x0
R/W
0 Switch RF3 open.
1 Switch RF3 closed.
0
SW4_EN
Enable bit for Switch 4.
0x0
R/W
0 Switch RF4 open.
1 Switch RF4 closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com