Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9348 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9348
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9348 Datasheet(HTML) 2 Page - STMicroelectronics

  L9348 Datasheet HTML 1Page - STMicroelectronics L9348 Datasheet HTML 2Page - STMicroelectronics L9348 Datasheet HTML 3Page - STMicroelectronics L9348 Datasheet HTML 4Page - STMicroelectronics L9348 Datasheet HTML 5Page - STMicroelectronics L9348 Datasheet HTML 6Page - STMicroelectronics L9348 Datasheet HTML 7Page - STMicroelectronics L9348 Datasheet HTML 8Page - STMicroelectronics L9348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L9348
2/13
Figure 2. Pin Connection
Table 1. Pin Description
N°
Pin
Function
1, 18,
19, 36
N.C.
(GND)
2, 3
PGND3
Power Ground Channel 3
4, 5
Q3
Power Output Channel 3 (3A switch)
6, 7
D3
Recirculation Diode Channel 3
8, 9
Q1
Power Output Channel 1 (5A switch)
10, 11
Q2
Power Output Channel 2 (5A switch)
12, 13
D4
Recirculation Diode Channel 4
14, 15
Q4
Power Output Channel 4 (3A switch)
16, 17
PGND4
Power Ground Channel 4
20
ST4
Status Output Channel 4
21
IN2
Control Input Channel 2
22
IN4
Control Input Channel 4
23
ST2
Status Output Channel 2
24
ENA
Enable
25, 26
PGND2
Power Ground Channel 2
27
GND
Signal Ground
28
VS
Supply Voltage
29
N.C.
Not Connected
30, 31
PGND1
Power Output Channel 3
32
ST1
Status Output Channel 1
33
IN3
Control Input Channel 3
34
IN1
Control Input Channel 1
36
N.C.
35
ST3
IN1
34
IN3
33
32
ST1
31
30
29
N.C.
VS
28
GND
27
26
25
ENA
24
23
ST2
IN4
22
IN2
21
20
ST4
N.C.
19
N.C.
1
PGND3
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
N.C.
99AT0074
Q3
D3
Q1
Q2
D4
Q4
PGND4
PGND1
PGND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com