Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3488MM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3488MM Datasheet HTML 1Page - National Semiconductor (TI) LM3488MM Datasheet HTML 2Page - National Semiconductor (TI) LM3488MM Datasheet HTML 3Page - National Semiconductor (TI) LM3488MM Datasheet HTML 4Page - National Semiconductor (TI) LM3488MM Datasheet HTML 5Page - National Semiconductor (TI) LM3488MM Datasheet HTML 6Page - National Semiconductor (TI) LM3488MM Datasheet HTML 7Page - National Semiconductor (TI) LM3488MM Datasheet HTML 8Page - National Semiconductor (TI) LM3488MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Connection Diagram
10138802
8 Lead Mini SO8 Package (MSOP-8 Package)
Package Marking and Ordering Information
Order Number
Package Type
Package Marking
Supplied As:
LM3488MM
MSOP-8
S21B
1000 units on Tape and Reel
LM3488MMX
MSOP-8
S21B
3500 units on Tape and Reel
Pin Description
Pin Name
Pin Number
Description
I
SEN
1
Current sense input pin. Voltage generated across an external
sense resistor is fed into this pin.
COMP
2
Compensation pin. A resistor, capacitor combination connected to
this pin provides compensation for the control loop.
FB
3
Feedback pin. The output voltage should be adjusted using a
resistor divider to provide 1.26V at this pin.
AGND
4
Analog ground pin.
PGND
5
Power ground pin.
DR
6
Drive pin of the IC. The gate of the external MOSFET should be
connected to this pin.
FA/SYNC/SD
7
Frequency adjust, synchronization, and Shutdown pin. A resistor
connected to this pin sets the oscillator frequency. An external
clock signal at this pin will synchronize the controller to the
frequency of the clock. A high level on this pin for
≥ 30µs will turn
the device off. The device will then draw less than 10µA from the
supply.
V
IN
8
Power supply input pin.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com