Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9651 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9651
Description  SMART QUAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9651 Datasheet(HTML) 1 Page - STMicroelectronics

  L9651 Datasheet HTML 1Page - STMicroelectronics L9651 Datasheet HTML 2Page - STMicroelectronics L9651 Datasheet HTML 3Page - STMicroelectronics L9651 Datasheet HTML 4Page - STMicroelectronics L9651 Datasheet HTML 5Page - STMicroelectronics L9651 Datasheet HTML 6Page - STMicroelectronics L9651 Datasheet HTML 7Page - STMicroelectronics L9651 Datasheet HTML 8Page - STMicroelectronics L9651 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
L9651
April 2001
s
Modified VDMOS Power Stage (UDSBR > 80V)
s
RDSON < 500 mOhm (Tj = 25°C)
s
CMOS Compatible Inputs
s
Enable Input (Reset)
s
Outputs Capable of up to 2.2 Amperes
s
Outputs Internally Clamped at 70V for Fast
Inductive Load Switch Off
s
Wide operating supply voltage from 4.7V up to
30V
DIAGNOSTIC FUNCTIONS
s
Open Load Detection (Output off, 100
µs-
filtering time)
s
Short to Ground Detection (Output off, 100
µs -
filtering time)
s
Short to Battery Detection (Output on)
s
Over temperature detection (Output on)
s
Storage of last fault in 8 Bit - Serial Register
s
Fault Signal Indication at Serial Data Out
without need to read out the Serial Interface
s
Daisy Chainable Serial Diagnostic
s
Serial Interface Clock Frequency up to 500kHz
DESCRIPTION
The L9651 consists of four identical low side power
switches. A serial diagnostic interface indicates fail-
ure mode of each switch (short circuit to VBAT or
ground and open load or over temperature).
PowerSO-20
ORDERING NUMBER: L9651
SMART QUAD SWITCH
BLOCK DIAGRAM
Serial Diagnostic
Turn On
VBAT
Clock
Sync.
Ground
q
Four Fold
Logic
Short Circuit
Protection
q
q
q
q
q
Fault Detection
References
Gate
Control
Data In
Underv. Shutd.


Similar Part No. - L9651

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
L9651 STMICROELECTRONICS-L9651_V01 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
More results

Similar Description - L9651

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6225G INFINEON-TLE6225G Datasheet
238Kb / 9P
Smart Quad Low-Side Switch?
V2.1 26.Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE8104E INFINEON-TLE8104E Datasheet
1Mb / 27P
Smart Quad Channel Powertrain Switch
V1.4, 2010-04-26
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
Smart Quad Low-Side Switch
V2.2 2009-11-18
TLE9104SH INFINEON-TLE9104SH Datasheet
1Mb / 35P
Smart Quad Channel Powertrain Switch
Rev. 1.2 2018-10-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com