Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

325502 Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # 325502
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325502 Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button 325502 Datasheet HTML 10Page - TE Connectivity Ltd 325502 Datasheet HTML 11Page - TE Connectivity Ltd 325502 Datasheet HTML 12Page - TE Connectivity Ltd 325502 Datasheet HTML 13Page - TE Connectivity Ltd 325502 Datasheet HTML 14Page - TE Connectivity Ltd 325502 Datasheet HTML 15Page - TE Connectivity Ltd 325502 Datasheet HTML 16Page - TE Connectivity Ltd 325502 Datasheet HTML 17Page - TE Connectivity Ltd 325502 Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AMPOWER /// PRODUCT CATALOG
AMPOWER Terminals and Splices
Application Tooling
DYNA-CRIMP
SYSTEM
8200 psi Operating
Pressure
* Terminals and splices of wire size 600 MCM and above require two crimps for optimum mechanical and
electrical performance.
Hydraulic Head
69099
69082
68073-3
58445-1
Wire Size
Part Numbers
(mm2)
(AWG)
Die Set
Die Set
Die Set
Die Set
13-15
6
69133-1
-
-
-
21
4
69134-1
-
-
-
34-35
2
46765-3
-
-
-
50-60
1/0
46766-2
-
-
-
67-70
2/0
46767-2
-
-
-
80-95
3/0
46749-2
-
-
-
100-125
4/0
46750-2
-
-
-
127
250 MCM
46751-2
-
-
46751-2
152
300 MCM
46752-2
-
-
-
177
350 MCM
46753-2
69653
-
-
203
400 MCM
-
46754-2
-
-
253
500 MCM
-
46755-2
-
-
304
600 MCM*
-
46756-2
-
-
600 MCM HD*
-
59870-1
-
-
355
700 MCM*
-
46757-2
-
-
405
800 MCM*
-
46758-2
-
-
456
900 MCM*
-
46759-2
-
-
507
1000 MCM*
-
46760-2
-
-
634
1250 MCM*
-
-
68114-1
-
761
1500 MCM*
-
-
68282-1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com