Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5963DN-EHT Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5963DN-EHT
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963DN-EHT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5963DN-EHT Datasheet HTML 7Page - STMicroelectronics L5963DN-EHT Datasheet HTML 8Page - STMicroelectronics L5963DN-EHT Datasheet HTML 9Page - STMicroelectronics L5963DN-EHT Datasheet HTML 10Page - STMicroelectronics L5963DN-EHT Datasheet HTML 11Page - STMicroelectronics L5963DN-EHT Datasheet HTML 12Page - STMicroelectronics L5963DN-EHT Datasheet HTML 13Page - STMicroelectronics L5963DN-EHT Datasheet HTML 14Page - STMicroelectronics L5963DN-EHT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Figure 9. AEK-COM-10BASET circuit schematic (8 of 10)
1
2
P2
GND
49.9
R108
49.9
R107
GND
100nF
C111
100nF
C112
1
2
3
4
L9
ACT1210D-131-2P
0
R103
0
R109
100K
R146
100nF
C113
D18
GND
D19
IRQ_N
9
SDO
10
CS_N
11
SCLK
12
DIOB0
16
VDDC
15
DIOB1
14
SDI
13
VDDAU
25
RBIAS
26
XTI
27
XTO
28
WAKE_IN
32
TRXN
31
TRXP
30
VDDA
29
VSS
33
LAN8650
U6
3V3_L5963_LDO
3V3_L5963_LDO
0
R94
3V3_LAN8650
1V8_LAN8650
49.9
R95
82
R96
GND
10nF
C118
100nF
C119
GND
GND
10nF
C115
100nF
C116
10uF
C117
300
L10
GND
GND
GND
Isolated VDDA/VDDAU power island
3V3_LAN8650
XTI_LAN8650
XTO_LAN8650
1
3
25Mhz
X2
22pF
C120
22pF
C121
GND
GND
GND
XTI_LAN8650
XTO_LAN8650
12.4K
R110
GND
GND
GND
10K
R101
MISO_LAN8650
CSN_LAN8650
CLK_LAN8650
MOSI_LAN8650
GND
GND
GND
CSN_LAN8650
SDI_LAN8650
SDO_LAN8650
CLK_LAN8650
IRQ_LAN8650
DSPI4_LAN8650
DSPI4_LAN8650
MISO_LAN8650
CSN_LAN8650
CLK_LAN8650
MOSI_LAN8650
DIOA0
DIOA1
DIOA2
DIOA3
DIOA4
EVENT_LAN8650
EVENT_LAN8650
DIOA4
DIOA3
DIOA1
DIOA0
DIOA2
300
L8
3V3_LAN8650
10uF
C108
GND
10nF
C110
100nF
C109
GND
GND
1V8_LAN8650
300
L7
1uF
C107
GND
VDDP_LAN8650
VDDP_LAN8650
10nF
C105
100nF
C106
GND
GND
Pin6
VDDC_LAN8650
VDDC_LAN8650
VDDC_LAN8650
VDDP_LAN8650
Pin21
Isolated VDDP power island
N.M.
R100
10K
R99
RESET
10K
R102
IRQ_LAN8650
GND
GND
IRQ_LAN8650
VDDA_LAN8650
VDDAU_LAN8650
LAN8650_TRX_N
LAN8650_TRX_P
LAN8650_TRX1_P
LAN8650_TRX1_N
LAN8650_TRX2_N
LAN8650_TRX2_P
TP36
TP35
TP34
TP42
TP38
TP39
TP40
TP41
TP37
10K
R104
0
R116
0
R117
0
R118
0
R119
0
R120
N.M.
R111
N.M.
R112
N.M.
R113
N.M.
R114
N.M.
R115
GND
WAKE_IN_LAN8650
VDDP_LAN8650
VDDP_LAN8650
VDDP_LAN8650
10nF
C99
100nF
C100
GND
GND
VDDC_LAN8650
VDDP_LAN8650
100nF
C103
GND
10nF
C104
GND
Isolated VDDP power island
10nF
C101
100nF
C102
GND
GND
STR2N2VH5
Q3
10K
R34
GND
3.9K
R27
Blue
D17
CSN_LAN8650
5V_L5963
5V_L5963
5V_L5963
5V_L5963



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com