Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW6008 Datasheet(PDF) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6008 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
6
Constant Current Charge Current
ICC
VBUSB = 5V
1.8
2
2.1
A
VBUSC = 5V
2.7
3
3.2
A
Termination Charge Current
IEND
200
230
260
mA
Target Charge Voltage
VBAT_FULL
4.16
4.2
4.24
V
Recharge Threshold
VBAT_RECH
4.05
4.1
4.15
V
Switching Frequency
FCHG
450
500
550
KHz
Trickle Charge Over Time
tTC_OT
30
40
50
Min
Constant Charge Over Time
tCC_OT
30
33
36
Hour
Thermal Regulation Threshold
TREGU_CHG
100
115
130
Hold Voltage Threshold
VHOLD
4.4
4.5
4.6
V
Boost Mode
VBAT Input Voltage
VBAT
2.9
4.5
V
VBAT Input UVLO Threshold
VBAT_UVLO
VBAT Voltage Falling
2.8
2.9
3.0
V
VBAT Input UVLO Hysteresis
VBAT_UVLO_HYS
VBAT Voltage Rising
400
500
600
mV
VOUT Output Voltage
VOUT
VOUT=5V, IOUT=0A
5.05
5.15
5.25
V
VOUT Output Current
IOUT
VOUT=5V
3.0
3.4
A
Light Load Current
ILIGHT_LOAD
40
60
80
mA
Light Load Time
tLIGHT_LOAD
28
32
40
S
Quiescent Current
IQ
VBAT=3.7V
25
32
40
uA
Wire Drop Compensation
VOUT_WDC
0A<IOUT<1A
0
mV
1A<IOUT<2A
30
50
70
mV
IOUT>2A
70
100
130
mV
Switching Frequency
FBST
450
500
550
KHz
Thermal Regulation Threshold
TREGU_BST
100
115
130
Type-C
CC Current Source
ICC_SOURCE
Power Level=3.0A
310
330
350
uA
CC Termination Resistor
RD
4.9
5.1
5.3
BC1.2
DP/DM Voltage
DP
Apple 2.4A Mode
2.55
2.7
2.85
V
DM
Apple 2.4A Mode
2.55
2.7
2.85
V
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com