Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCDP1521RL Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCDP1521RL
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521RL Datasheet(HTML) 4 Page - STMicroelectronics

  LCDP1521RL Datasheet HTML 1Page - STMicroelectronics LCDP1521RL Datasheet HTML 2Page - STMicroelectronics LCDP1521RL Datasheet HTML 3Page - STMicroelectronics LCDP1521RL Datasheet HTML 4Page - STMicroelectronics LCDP1521RL Datasheet HTML 5Page - STMicroelectronics LCDP1521RL Datasheet HTML 6Page - STMicroelectronics LCDP1521RL Datasheet HTML 7Page - STMicroelectronics LCDP1521RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LCDP1521
4/8
Symbol
Test conditions
Typ.
Max.
Unit
IRM
V
GATE / LINE = -1V
V
RM = -150V
V
GATE / LINE = -1V
V
RM = -150V
Tc=25°C
Tc=85°C
5
50
µA
C
V
R = 50V bias, VRMS = 1V, F = 1MHz
V
R =
2V bias, V
RMS = 1V, F = 1MHz
20
48
pF
PARAMETERS RELATED TO DIODE AND PROTECTION THYRISTOR (Tamb = 25°C, unless otherwise
specified)
Symbol
Test conditions
Min
Max
Unit
IGT
V
GND / LINE = -48V
0.1
5
mA
IH
V
GATE = -48V (note 2)
150
mA
VGT
at I
GT
2.5
V
IRG
V
RG = -150V
V
RG = -150V
Tc=25°C
Tc=85°C
5
50
µA
VDGL
V
GATE = -48V
(note 3)
10/700µs
1.2/50µs
2/10µs
1.5kV
1.5kV
2.5kV
R
S = 110Ω
R
S =60Ω
R
S = 245Ω
I
PP = 10A
I
PP = 15A
I
PP = 10A
5
10
20
V
Note 2: see functional holding current (IH) test circuit
Note 3: see test circuit for VDGL
The oscillations with a time duration lower than 50ns are not taken into account
PARAMETERS RELATED TO THE PROTECTION THYRISTOR (Tamb = 25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com