Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCP02-150M Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP02-150M
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP02-150M Datasheet(HTML) 4 Page - STMicroelectronics

  LCP02-150M Datasheet HTML 1Page - STMicroelectronics LCP02-150M Datasheet HTML 2Page - STMicroelectronics LCP02-150M Datasheet HTML 3Page - STMicroelectronics LCP02-150M Datasheet HTML 4Page - STMicroelectronics LCP02-150M Datasheet HTML 5Page - STMicroelectronics LCP02-150M Datasheet HTML 6Page - STMicroelectronics LCP02-150M Datasheet HTML 7Page - STMicroelectronics LCP02-150M Datasheet HTML 8Page - STMicroelectronics LCP02-150M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
LCP02-150M
4/10
Table 5.
Electrical parameters related to the negative suppressor
Symbol
Test conditions
Min.
Max.
Unit
IGN
VGN/GND = -60 V
Measured at 50 Hz
5mA
IH-
Go No-Go test, VGN = -60 V
150
mA
IRGL-
Tj = 25° C, VGN/line = -190 V
5
µA
VDGL-
VGN/GND = -60V
10/1000 µs 1 kV RP = 25 Ω IPP = 30 A
10/700 µs 2 kV RP = 25 Ω IPP = 30 A
1.2/50 µs
2 kV RP = 25 Ω IPP = 30 A
10
6
12
V
Table 6.
Electrical parameters related to the positive suppressor
Symbol
Test conditions
Min.
Max.
Unit
IGP
VGP/GND = 60 V
Measured at 50 Hz
10
mA
IRGL+
Tj = 25° C, VGP/line = +190 V
5
µA
VDGL+
VGP/GND = +60V
10/1000 µs 1 kV RP = 25 Ω IPP = 30 A
10/700 µs 2 kV RP = 25 Ω IPP = 30 A
1.2/50 µs
2 kV RP = 25 Ω IPP = 30 A
12
8
18
V
Table 7.
Electrical parameters related to line/gnd
Symbol
Test conditions
Typ.
Max.
Unit
IR
Tj = 25° C, VLINE = +90 V, VGP/LINE = +1 V
Tj = 25° C, VLINE = -105 V, VGN/LINE = -1 V
5
5
µA
Coff
VR = -3 V, F =1 MHz, VGP = 60 V, VGN = -60 V
150
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com