Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCP1511D Datasheet(PDF) 6 Page - STMicroelectronics

Part # LCP1511D
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1511D Datasheet(HTML) 6 Page - STMicroelectronics

  LCP1511D Datasheet HTML 1Page - STMicroelectronics LCP1511D Datasheet HTML 2Page - STMicroelectronics LCP1511D Datasheet HTML 3Page - STMicroelectronics LCP1511D Datasheet HTML 4Page - STMicroelectronics LCP1511D Datasheet HTML 5Page - STMicroelectronics LCP1511D Datasheet HTML 6Page - STMicroelectronics LCP1511D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APPLICATION CIRCUIT : typical SLIC protection concept
RING
RELAY
RING GENERATOR
PTC
PTC
LINE A
LINE B
THBTxxxD
LCP1511D
-V
BAT
SLIC
T
E
S
T
R
E
L
A
Y
220
nF
S
ORDER CODE
LCP 15
1
1
D
RL
PACKAGE
1 : SO8
IH =150 mA
LINE CARD
PROTECTION
VERSION
RL : tape and reel
: tube
DYNAMIC
Package
Type
Marking
SO8
LCP1511D
CP151D
MARKING
LCP1511D
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com