Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EP2S180 Datasheet(PDF) 21 Page - Altera Corporation

Part # EP2S180
Description  DSP Development Board
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S180 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EP2S180 Datasheet HTML 17Page - Altera Corporation EP2S180 Datasheet HTML 18Page - Altera Corporation EP2S180 Datasheet HTML 19Page - Altera Corporation EP2S180 Datasheet HTML 20Page - Altera Corporation EP2S180 Datasheet HTML 21Page - Altera Corporation EP2S180 Datasheet HTML 22Page - Altera Corporation EP2S180 Datasheet HTML 23Page - Altera Corporation EP2S180 Datasheet HTML 24Page - Altera Corporation EP2S180 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Altera Corporation
Core Version a.b.c variable
2–13
Stratix II EP2S180 DSP Development Board Reference Manual
Board Components & Interfaces
Table 2–6 describes the features of the Stratix II EP2S180F1020C3 device.
Switch Inputs
The board has four push-button switches for user-defined logic input.
Each push-button signal, when pressed drives logic low, and when
released resumes driving logic high.
Table 2–6. Stratix II EP2S180 Features
Feature
ALMs
71,760
Adaptive look-up tables (ALUTs) (1)
143,520
Equivalent LEs (2)
179,400
M512 RAM blocks
930
M4K RAM blocks
768
M-RAM blocks
9
Total RAM bits
9,383,040
DSP blocks
96
18-bit × 18-bit multipliers (3)
384
Enhanced PLLs
4
Fast PLLs
8
Maximum user I/O pins
742
Package type
1020-pin FineLine BGA
Board reference
U15
Voltage
1.2-V internal, 3.3-V I/O
Notes to Table 2–6:
(1)
One ALM contains two ALUTs. The ALUT is the cell used in the Quartus II
software for logic synthesis.
(2)
This is the equivalent number of LEs in a Stratix device (four-input LUT-based
architecture).
(3)
These multipliers are implemented using the DSP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com