Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA330 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA330
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA330 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA330 Datasheet HTML 5Page - STMicroelectronics STA330 Datasheet HTML 6Page - STMicroelectronics STA330 Datasheet HTML 7Page - STMicroelectronics STA330 Datasheet HTML 8Page - STMicroelectronics STA330 Datasheet HTML 9Page - STMicroelectronics STA330 Datasheet HTML 10Page - STMicroelectronics STA330 Datasheet HTML 11Page - STMicroelectronics STA330 Datasheet HTML 12Page - STMicroelectronics STA330 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
STA330
Electrical specifications
9/55
3.2
Electrical characteristics
Table 5 lists the device electrical characteristics under the conditions nominal supply voltage
(see Table 4), LRCLKI frequency (fS) = 48 kHz, input frequency = 1 kHz, and Rload = 32 Ω,
unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IstbyL
Logic power supply current at
standby
1.3
µA
IddL
Logic power supply current at
operating
15
mA
Tds
Low current dead time (static)
1
ns
Tdd
High current dead time (dynamic)
2.5
ns
Tr
Rise time
3
ns
Tf
Fall time
3
ns
DNR
Dynamic range
A-weighted
Speaker mode
96
dB
SNR
Signal-to-noise ratio (A-weighted)
Speaker mode
92
dB
THDN
Total harmonic distortion
0 dBFS input, 8
Ω speaker
0.1
%
-6 dBFS input, 8
Ω speaker
0.05
%
0 dBFS input, 32
Ω headphone
0.1
%
-6 dBFS input, 32
Ω headphone
0.05
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com