Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1203PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 2 Page - International Rectifier

  IP1203PBF Datasheet HTML 1Page - International Rectifier IP1203PBF Datasheet HTML 2Page - International Rectifier IP1203PBF Datasheet HTML 3Page - International Rectifier IP1203PBF Datasheet HTML 4Page - International Rectifier IP1203PBF Datasheet HTML 5Page - International Rectifier IP1203PBF Datasheet HTML 6Page - International Rectifier IP1203PBF Datasheet HTML 7Page - International Rectifier IP1203PBF Datasheet HTML 8Page - International Rectifier IP1203PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.irf.com
2
iP1203PbF
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications @ V
IN = 12V
All specifications @ 25°C (unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VIN
VIN
-0.3
–––
15
Feedback
FB
-0.3
–––
6
Output Overvoltage Sense
FBS
-0.3
–––
6
PGOOD
-0.3
–––
15
Soft Start
SS
-0.3
–––
6
SYNC
-0.3
–––
6
Output RMS Current
IoutVSW
–––
–––
15
A
See Fig.3
Block Temperature
TBLK
-10
–––
125
°C
V
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Input Voltage Range
VIN
5.5
–––
13.2
V
–––
–––
15
A
TPCB = TCASE = 90°C. See Fig.3
–––
–––
11
A
TPCB = 90°C, TCASE = no airflow, no
heatsink.
0.8
–––
8.0
For VIN = 12V
0.8
–––
3.3
For VIN = 5.5V
Output Voltage Range
VOUT
V
Output RMS Current
IoutVSW
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Over Current Shutdown
IOC
–––
25
–––
A
VIN = 12V, VOUT = 1.5V
fSW = 300KHz, ROCSET = 40.2kΩ
HICCUP Duty Cycle
DHICCUP
–––
5
–––
%
Soft Start Time
tSS
–––
5
–––
ms
VIN = 12V, VOUT = 1.5V,
CSS=0.1µF
Reference Voltage
VREF
–––
0.8
–––
V
VOUT_ACC1
-3
–––
3
TBLK = -10°C to 125°C
VIN= 12V, VOUT = 1.5V
VOUT_ACC2
-2
–––
2
TBLK = 0°C to 70°C
VIN= 12V, VOUT = 1.5V
Error Amplifier
Source/Sink Current
IERR
–––
60
–––
µA
Error Amplifier
Transconductance
gm
–––
2000
–––
µmho
Output Overvoltage Shutdown
Threshold
OVP
1.1 x VOUT 1.15 x VOUT 1.2 x VOUT
V
PGOOD Trip Threshold
VTh_PGOOD
–––
0.85 x VOUT
–––
V
FB ramping down
PGOOD Output Low Voltage
VLO_PGOOD
–––
–––
0.3
V
ISINK=2mA
%
VOUT Accuracy
W
PLOSS
Power Loss
fSW = 300kHz, VIN = 12V, TBLK= 25°C
VOUT = 1.5V, IOUT = 15A, See Fig.10
–––
3.75
4.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com