Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FLCD1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 25Page - STMicroelectronics ST7FLCD1 Datasheet HTML 26Page - STMicroelectronics ST7FLCD1 Datasheet HTML 27Page - STMicroelectronics ST7FLCD1 Datasheet HTML 28Page - STMicroelectronics ST7FLCD1 Datasheet HTML 29Page - STMicroelectronics ST7FLCD1 Datasheet HTML 30Page - STMicroelectronics ST7FLCD1 Datasheet HTML 31Page - STMicroelectronics ST7FLCD1 Datasheet HTML 32Page - STMicroelectronics ST7FLCD1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
29/95
ST7FLCD1
Flash Program Memory
5.5
In-Circuit Programming (ICP)
To perform In-Circuit Programming (ICP), the microcontroller must be switched to ICC (In-Circuit
Communication) mode by an external controller or programming tool.
Depending on the ICP code downloaded in RAM, Flash memory programming can be fully
customized (number of bytes to program, program locations or selection of serial communication
interface for downloading).
When using a STMicroelectronics or third-party programming tool that supports ICP and the
specific microcontroller device, the user only needs to implement the ICP hardware interface on the
application board (see Figure 12). For more details on the pin locations, refer to the device pin
description.
ICP needs between 4 and 6 pins to be connected to the programming tool. Depending on the
desired type of programming, these pins are:
RESET: device reset
VSS: device power supply ground
ICC_CLK: ICC output serial clock pin
ICC_DATA: ICC input serial data pin
VPP: programming voltage
VDD: application board power supply
CAUTION:
1. If the ICC_CLK or ICC_DATA pins are only used as outputs in the application, no signal
isolation is necessary. As soon as the programming tool is plugged to the board, even if an ICC
session is not in progress, the ICC_CLK and ICC_DATA pins are not available for the
application. If they are used as inputs by the application, an isolation such as a serial resistor
has to be implemented in case another device forces the signal. Refer to the Programming
Tool documentation for recommended resistor values.
2. During the ICC session, the programming tool must control the RESET pin. This can lead to
conflicts between the programming tool and the application reset circuit if it drives more than
5 mA at high level (push-pull output or pull-up resistor (< 1 k
Ω)). A Schottky diode can be used
to isolate the application RESET circuit in this case. When using a classical RC network with a
resistor (> 1 k
Ω) or a reset management IC with open-drain output and pull-up resistor
Figure 11: Memory Map and Sector Address
Sector 1
Sector 0
Sector 2
60 KBytes
DV Flash
FFFFh
EFFFh
DFFFh
1000h
Memory Size
52 KBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com