Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5983 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5983
Description  1.5A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5983 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5983 Datasheet HTML 12Page - STMicroelectronics L5983 Datasheet HTML 13Page - STMicroelectronics L5983 Datasheet HTML 14Page - STMicroelectronics L5983 Datasheet HTML 15Page - STMicroelectronics L5983 Datasheet HTML 16Page - STMicroelectronics L5983 Datasheet HTML 17Page - STMicroelectronics L5983 Datasheet HTML 18Page - STMicroelectronics L5983 Datasheet HTML 19Page - STMicroelectronics L5983 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Application informations
L5983
16/37
5.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value in order to have the expected current ripple has to be selected.
The rule to fix the current ripple value is to have a ripple at 20%-40% of the output current.
The inductance value can be calculated by the following equation:
Equation 6
Where TON and TOFF are the on and off time of the internal power switch. The maximum
current ripple, at fixed Vout, is obtained at maximum TOFF that is at minimum duty cycle (see
previous section to calculate minimum duty). So fixing
∆I
L=20% to 40% of the maximum
output current, the minimum inductance value can be calculated:
Equation 7
where FSW is the switching frequency, 1/(TON + TOFF).
For example for VOUT=3.3V, VIN=12V, IO=1.5A and FSW=250kHz the minimum inductance
value to have
∆I
L=30% of IO is about 21µH.
The peak current through the inductor is given by:
Equation 8
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
In the table below some inductor part numbers are listed.
Table 6.
Inductors
Manufacturer
Series
Inductor Value (
µH)
Saturation Current (A)
Wurth
TPC XLH
15 to 22
2.3 to 3.25
PD
3.3 to 6.8
2.5 to 2.75
Coilcraft
MSS1038
15 to 18
3.2 to 3.6
MSS7341
3.3 to 6.2
2.5 to 3.5
∆I
L
V
IN
V
OUT
L
------------------------------ T
ON
V
OUT
L
-------------- T
OFF
==
L
MIN
V
OUT
V
F
+
∆I
MAX
----------------------------
1D
MIN
F
SW
-----------------------
=
I
LPK
,
I
O
∆I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com