Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5983TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L5983TR
Description  1.5A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5983TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L5983TR Datasheet HTML 25Page - STMicroelectronics L5983TR Datasheet HTML 26Page - STMicroelectronics L5983TR Datasheet HTML 27Page - STMicroelectronics L5983TR Datasheet HTML 28Page - STMicroelectronics L5983TR Datasheet HTML 29Page - STMicroelectronics L5983TR Datasheet HTML 30Page - STMicroelectronics L5983TR Datasheet HTML 31Page - STMicroelectronics L5983TR Datasheet HTML 32Page - STMicroelectronics L5983TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Application informations
L5983
29/37
5.7
Application circuit
In Figure 18 the demo board application circuit is shown.
Figure 18.
Demo board application circuit
Table 8.
Component list
Reference
Part number
Description
Manufacturer
C1
GRM31CR61E106KA12
10
µF, 25V
Murata
C2
GRM31CR61C226KE15B
22
µf, 16V
Murata
C3
3.3 nF, 50V
C4
10 nF, 50V
C5
100 pF, 50V
C6
68 nF, 25V
R1
4.99 k
Ω, 1%, 0.1W 0603
R2
1.1 k
Ω, 1%, 0.1W 0603
R3
150
Ω, 1%, 0.1W 0603
R4
4.99 k
Ω, 1%, 0.1W 0603
R5
N.C.
L1
744066150
15 uH, 30%, 3.25 A
Wurth Elektronik
D1
STPS2L25V
2A, 25V
STMicroelectronics
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5983
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 15uH
C3 3.3nF
R3 150
C5 100pF
R4 4.99K
FSW
8
3
7
64
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5983
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 15uH
C3 3.3nF
R3 150
C5 100pF
R4 4.99K
FSW
8
3
7
64
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com