Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSZ51 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # LSZ51
Description  Valve Position Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSZ51 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  LSZ51 Datasheet HTML 1Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 2Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 3Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 4Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 5Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSZ51 Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
Valve Position Indicator
VPX Series
DESCRIPTION
Valve Position Indicator, VPX Series switches are built
especially for outdoor use in potentially hazardous
atmospheres. The switch enclosures are constructed to
withstand the pressure of an internal explosion. Flame paths
cool the exploded gases to a point less than the lowest safe
operating temperature of the surrounding gas. The VPX Series
versions equipped with the inductive proximity switches
has the Intrinsically Safe (IS) rating. Regardless of where the
equipment or machinery is designed, built or installed, the VPX
Series products carry global agency coverage.
The VPX Series switches have standard rugged die-cast
aluminum housing. The products housing is weather sealed
for outdoor use and comply with NEMA 4X requirement for
protection against corrosion, in addition to various NEMA
enclosure standards.
The product’s o-ring seals make the enclosure rain tight,
but are outside of required flame paths so explosion proof
requirements are maintained. The VPX Series switches
are available in multiple colors and angles, visible from all
directions. Unless special ordered, all basic switches operate
on clockwise and counterclockwise rotation.
DIFFERENTIATION
• With numerous environmental ratings (Ingress Protection
and NEMA), the VPX Series is protected for all kinds of
outdoor conditions
• VPX Series is certified flame-proof, explosion-proof and
Intrinsically Safe (optional), thereby making the product safe
for a wide variety of potentially hazardous area applications
• The Safety Integrity Level, SIL 3 certification, puts the VPX
Series in the higher safety category as compared to its
competitors
FEATURES
• VPX Series switches are certified for ATEX, IEC Ex, CE, and
cULus specifications for global applications that requires
protection from explosive gases, vapors & combustible dust
coming soon: NEPSI and KOSHA certifications
• Die-cast aluminum housing and various sealing (NEMA 4,
4X, 6, and 13), certifies the VPX Series is rated for rain, wind,
snow, ice and blowing dust environments
• Wide operating temperature range from -40 °C to 80 °C (see
Table 1 for detailed specifications)
• Versions of the VPX with proximity switches carry an
Intrinsically Safe (IS) rating
• Well suited for up to 500,000 actuation cycles
• Available in multiple indicator colors that is visible from all
directions
VALUE TO CUSTOMERS
• cULus, ATEX, IEC EX certified for hazardous (explosive)
environments
coming soon: NEPSI and KOSHA
• Designed with the end user in mind, these switches help
to create user-friendly interfaces with broad applications
possibilities to help meet the challenges of many different
environments
• Weather sealed to NEMA and IP ratings
• Reliable, dependable and accurate
• Versions available in both snap-action switches and
intrinsically safe inductive proximity switches
POTENTIAL APPLICATIONS
• Seaside grain and duel loading docks
• Oil and gas wells
• Refineries
• Fuel storage facilities
• Mining
• Petrochemical and chemical plants
• Waste water treatment facilities
• Oil and gas production pipeline networks
• Paint batching/blending plants
• Pharmaceuticals and drug processing plants
• Food and beverage industries
• Pesticides manufacturing plants
• Textile dyeing and finishing plants
• Lead acid battery manufacturing facilities
PORTFOLIO
The VPX Series joins the CX Series of valve position indicator
switches for hazardous areas applications. The standard
offerings of the VPX Series is certified for flammable gases,
vapors and combustible dust. The VPX Series also offers the
Intrinsically Safe versions (optional). To view the entire product
portfolio, click here.
Sensing and Internet of Things
32321149
Issue C


Similar Part No. - LSZ51

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LSZ51 HONEYWELL-ACC-LSZ51 Datasheet
460Kb / 5P
Interactive Catalog Supplements Catalog PDFs
LSZ51A HONEYWELL-ACC-LSZ51A Datasheet
460Kb / 5P
Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
LSZ51A HONEYWELL-LSZ51A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSZ51B HONEYWELL-LSZ51B Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
Honeywell Accelerometer...
LSZ51C HONEYWELL-ACC-LSZ51C Datasheet
460Kb / 5P
Interactive Catalog Supplements Catalog PDFs
More results

Similar Description - LSZ51

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4046082 FESTO-4046082 Datasheet
80Kb / 1P
Position indicator
4077125 FESTO-4077125 Datasheet
80Kb / 1P
Position indicator
8140395 FESTO-8140395 Datasheet
73Kb / 1P
Position indicator
8140396 FESTO-8140396 Datasheet
71Kb / 1P
Position indicator
8140397 FESTO-8140397 Datasheet
68Kb / 1P
Position indicator
logo
Balluff Korea Ltd.
BDG0292 BALLUFF-BDG0292 Datasheet
138Kb / 2P
Position Indicator
logo
Festo Corporation.
8137189 FESTO-8137189 Datasheet
74Kb / 1P
Position indicator
7/20/22
8137190 FESTO-8137190 Datasheet
71Kb / 1P
Position indicator
7/20/22
8137191 FESTO-8137191 Datasheet
69Kb / 1P
Position indicator
7/20/22
8137195 FESTO-8137195 Datasheet
77Kb / 1P
Position indicator
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com