| Electronic Components Datasheet Search |
|
LNBH24PPR Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBH24PPR Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 30 page ![]() LNBH24 software description LNBH24 16/30 7 LNBH24 software description The LNBH24 I2C interface controls both the IC sections A and B depending on the address sent before the DATA byte. The description below is valid for both sections. 7.1 Interface protocol The interface protocol comprises: ● A start condition (S) ● A chip address byte (the LSB bit determines read (=1)/write (=0) transmission) ● A sequence of data (1 byte + acknowledge) ● A stop condition (P) ACK = Acknowledge S = Start P = Stop R/W = 1/0, Read/Write bit X = 0/1, two addresses for each section selectable by ADDR-A/B pins (see Table 10) 7.2 System register (SR, 1 Byte for each section A and B) Write = control bits functions in write mode Read = diagnostic bits in read mode. All bits reset to 0 at power on 7.3 Transmitted data (I²C bus write mode) for each section A/B When the R/W bit in the section address is set to 0, the main MCU can write on the system register (SR) of the relative section (A or B, depending on the 7 bit address value) via I2C BUS. All and 8 bits are available and can be written by the MCU to control the device functions as per the below Table 6. Section address (A or B) Data MSB LSB MSB LSB S 0 0 0 1 0 X X R/W ACK ACK P Mode MSB LSB Write PCL TTX TEN LLC VSEL EN ITEST AUX Read IMON VMON TMON LLC VSEL EN OTF OLF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |