Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45DB321E Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 24Page - Renesas Technology Corp AT45DB321E Datasheet HTML 25Page - Renesas Technology Corp AT45DB321E Datasheet HTML 26Page - Renesas Technology Corp AT45DB321E Datasheet HTML 27Page - Renesas Technology Corp AT45DB321E Datasheet HTML 28Page - Renesas Technology Corp AT45DB321E Datasheet HTML 29Page - Renesas Technology Corp AT45DB321E Datasheet HTML 30Page - Renesas Technology Corp AT45DB321E Datasheet HTML 31Page - Renesas Technology Corp AT45DB321E Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 28
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.15 Hardware Controlled Protection
Sectors specified for protection in the Sector Protection Register and the Sector Protection Register itself can be
protected from program and erase operations by asserting the WP pin and keeping the pin in its asserted state.
The Sector Protection Register and any sector specified for protection cannot be erased or programmed as long
as the WP pin is asserted. In order to modify the Sector Protection Register, the WP pin must be deasserted. If the
WP pin is permanently connected to GND, then the contents of the Sector Protection Register cannot be
changed. If the WP pin is deasserted or permanently connected to VCC, then the contents of the Sector Protection
Register can be modified.
The WP pin overrides the software controlled protection method but only for protecting the sectors.
Example: If the sectors were not previously protected by the Enable Sector Protection command, then simply
asserting the WP pin would enable the sector protection within the maximum specified tWPE time. When the WP
pin is deasserted, however, the sector protection would no longer be enabled (after the maximum specified tWPD
time) as long as the Enable Sector Protection command was not issued while the WP pin was asserted. If the
Enable Sector Protection command was issued before or while the WP pin was asserted, then simply deasserting
the WP pin would not disable the sector protection. In this case, the Disable Sector Protection command would
need to be issued while the WP pin is deasserted to disable the sector protection. The Disable Sector Protection
command is also ignored whenever the WP pin is asserted.
A noise filter is incorporated to help protect against spurious noise that can inadvertently assert or deassert the
WP pin.
Figure 7 and Table 8 detail the sector protection status for various scenarios of the WP pin, the Enable Sector
Protection command, and the Disable Sector Protection command.
Figure 7. WP Pin and Protection Status
Table 8. WP Pin and Protection Status
Time
Period
WP Pin
Enable Sector Protection Command
Disable Sector
Protection Command
Sector
Protection
Status
Sector
Protection
Register
1High
Command Not Issued Previously
X
Disabled
Read/Write
Issue Command
Disabled
Read/Write
Issue Command
Enabled
Read/Write
2
Low
X
X
Enabled
Read
3High
Command Issued During Period 1 or 2
Not Issued Yet
Enabled
Read/Write
Issue Command
Disabled
Read/Write
Issue Command
Enabled
Read/Write
WP
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com