| Electronic Components Datasheet Search |
|
APEX20KC Datasheet(PDF) 9 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC Datasheet(HTML) 9 Page - Altera Corporation |
|
9 / 90 page ![]() Altera Corporation 9 APEX 20KC Programmable Logic Device Data Sheet MegaLAB Structure APEX 20KC devices are constructed from a series of MegaLABTM structures. Each MegaLAB structure contains 16 logic array blocks (LABs), one ESB, and a MegaLAB interconnect, which routes signals within the MegaLAB structure. In EP20K1000C devices, MegaLAB structures contain 24 LABs. Signals are routed between MegaLAB structures and I/O pins via the FastTrack interconnect. In addition, edge LABs can be driven by I/O pins through the local interconnect. Figure 2 shows the MegaLAB structure. Figure 2. MegaLAB Structure Logic Array Block Each LAB consists of 10 LEs, the LEs’ associated carry and cascade chains, LAB control signals, and the local interconnect. The local interconnect transfers signals between LEs in the same or adjacent LABs, IOEs, or ESBs. The Quartus II Compiler places associated logic within an LAB or adjacent LABs, allowing the use of a fast local interconnect for high performance. Figure 3 shows the APEX 20KC LAB. APEX 20KC devices use an interleaved LAB structure. This structure allows each LE to drive two local interconnect areas, minimizing the use of the MegaLAB and FastTrack interconnect and providing higher performance and flexibility. Each LE can drive 29 other LEs through the fast local interconnect. ESB MegaLAB Interconnect Local Interconnect To Adjacent LAB or IOEs LABs LE1 LE2 LE3 LE4 LE5 LE6 LE7 LE8 LE9 LE10 LE1 LE2 LE3 LE4 LE5 LE6 LE7 LE8 LE9 LE10 LE1 LE2 LE3 LE4 LE5 LE6 LE7 LE8 LE9 LE10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |