Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MF1ICS7001 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF1ICS7001
Description  Standard 4Kbyte card IC sawn wafer on UV-tape addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MF1ICS7001 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF1ICS7001 Datasheet HTML 1Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 2Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 3Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 4Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 5Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 6Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
101731
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.1 — 18 April 2007
2 of 7
NXP Semiconductors
MF1 IC S70 01
Standard 4Kbyte card IC
3.4 Passivation
Type:
sandwich structure
Material:
PSG / Nitride(on top)
Thickness:
500 nm / 600 nm
3.5 Bond pads
Pad size:
– LA,LB
118
× 118 µm1
– TESTIO
95
× 110 µm2
– VSS
108
× 108 µm2
Material:
Al-Cu
Thickness:
0.85
µm
Remark: Substrate is connected to VSS.
1.Passivation window: 90 x 90 µm
2. Pads VSS and TESTIO are disconnected when wafer is sawn.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com