Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD3932 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD3932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3932 Datasheet(HTML) 4 Page - STMicroelectronics

  SD3932 Datasheet HTML 1Page - STMicroelectronics SD3932 Datasheet HTML 2Page - STMicroelectronics SD3932 Datasheet HTML 3Page - STMicroelectronics SD3932 Datasheet HTML 4Page - STMicroelectronics SD3932 Datasheet HTML 5Page - STMicroelectronics SD3932 Datasheet HTML 6Page - STMicroelectronics SD3932 Datasheet HTML 7Page - STMicroelectronics SD3932 Datasheet HTML 8Page - STMicroelectronics SD3932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
SD3932
4/14
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
Table 4.
Static (per side)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
(1)
1.
TJ = 150°C
VGS = 0 V
IDS = 100 mA
250
V
IDSS
VGS = 0 V
VDS = 100 V
1
mA
IGSS
VGS = 20 V
VDS = 0 V
250
nA
VGS(Q)
VDS = 10 V
ID = 250 mA
1.5
2.5
4.0
V
VDS(ON)
VGS = 10 V
ID = 5A
2.5
3.5
V
GFS
VDS = 10 V
ID = 2.5 A
3
S
CISS
VGS = 0 V
VDS = 100 V
f = 1 MHz
500
pF
COSS
VGS = 0 V
VDS = 100 V
f = 1 MHz
134
pF
CRSS
VGS = 0 V
VDS = 100 V
f = 1 MHz
6
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
P1dB
VDD = 100 V
IDQ = 2 x 250 mA
f = 123MHz
350
425
W
GPS
VDD = 100 V, IDQ = 2 x 250mA, POUT = 350W,f = 123MHz
26.8
dB
hD
VDD = 100 V, IDQ = 2 x 250mA, POUT = 350W,f = 123MHz
66
%
Load
mismatch
VDD = 100 V, IDQ = 2 x 250mA, POUT = 300W,f = 123MHz
All phase angles
3:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com