Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C11776 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11776
Description  Venla series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11776 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11776 Datasheet HTML 1Page - Ledil, Inc. C11776 Datasheet HTML 2Page - Ledil, Inc. C11776 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Venla series
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11773
C11773_Venla-S-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
13 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11775
C11775_Venla-M-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
28 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11776
C11776_Venla-W-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
48 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11777
C11777_Venla-WW-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
56 degrees
-
-
Available
June 30th 2011 11:37 Copyright Ledil Oy - Subject to change without prior notice - Page 1/3
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11776

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11776 LEDIL-C11776 Datasheet
2Mb / 4P
~45째 wide beam
More results

Similar Description - C11776

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
CP12090 CREE-CP12090 Datasheet
476Kb / 10P
Venla series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com