Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320DM641 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 45Page - Texas Instruments TMS320DM641 Datasheet HTML 46Page - Texas Instruments TMS320DM641 Datasheet HTML 47Page - Texas Instruments TMS320DM641 Datasheet HTML 48Page - Texas Instruments TMS320DM641 Datasheet HTML 49Page - Texas Instruments TMS320DM641 Datasheet HTML 50Page - Texas Instruments TMS320DM641 Datasheet HTML 51Page - Texas Instruments TMS320DM641 Datasheet HTML 52Page - Texas Instruments TMS320DM641 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 179 page
background image
Pin Assignments
49
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
8-BIT VIDEO PORT 0 (VP0) [DM641 AND DM640]
VP0D[7]
AD15
AD15
VP0D[6]/CLKR0§
AE15
AE15
VP0D[5]/FSR0§
AB16
AB16
Video port 0 (VP0) data input/output (I/O/Z) or McBSP0 data input/output
VP0D[4]/DR0§
AC16
AC16
I/O/Z
IPD
Video port 0 (VP0) data input/output (I/O/Z) or McBSP0 data input/output
(I/O/Z) [default]
VP0D[3]/CLKS0§
AD16
AD16
I/O/Z
IPD
For more details on the McBSP0 pin functions, see McBSP0 section of this
VP0D[2]/DX0§
AE16
AE16
For more details on the McBSP0 pin functions, see McBSP0 section of this
table and the Device Configurations section of this data sheet.
VP0D[1]/FSX0§
AF16
AF16
table and the Device Configurations section of this data sheet.
VP0D[0]/CLKX0§
AF17
AF17
VP0CLK1
AF12
AF12
I/O/Z
IPD
VP0 clock 1 (I/O/Z)
VP0CLK0
AF14
AF14
I
IPD
VP0 clock 0 (I)
VP0CTL2
AD17
AD17
VP0 control 2 (I/O/Z)
VP0CTL1
AC17
AC17
I/O/Z
IPD
VP0 control 1 (I/O/Z)
VP0CTL0
AE17
AE17
I/O/Z
IPD
VP0control 0 (I/O/Z)
TIMER 2
—
—
No external pins. The timer 2 peripheral pins are not pinned out as external
pins.
TIMER 1
TOUT1/LENDIAN
B5
B5
O/Z
IPU
Timer 1 output (O/Z)
Boot Configuration: Device endian mode [LENDIAN] (I).
Controls initialization of DSP modes at reset via pullup/pulldown resistors
− Device Endian mode
0 – Big Endian
1 − Little Endian (default)
For more details on LENDIAN, see the Device Configurations section of this
data sheet.
TINP1
A5
A5
I
IPD
Timer 1 or general-purpose input
TIMER 0
TOUT0/MAC_EN
C5
C5
O/Z
IPD
Timer 0 output (O/Z)
Boot Configuration: MAC enable pin [MAC_EN] (I)
The MAC_EN pin controls the selection (enable/disable) of the EMAC and
MDIO peripherals.
For more details, see the Device Configurations section of this data sheet.
TINP0
A4
A4
I
IPD
Timer 0 or general-purpose input
INTER-INTEGRATED CIRCUIT 0 (I2C0)
SCL0
E4
E4
I/O/Z
—
I2C0 clock.
SDA0
D3
D3
I/O/Z
—
I2C0 data.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com