Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 90Page - Texas Instruments TMS320F2811 Datasheet HTML 91Page - Texas Instruments TMS320F2811 Datasheet HTML 92Page - Texas Instruments TMS320F2811 Datasheet HTML 93Page - Texas Instruments TMS320F2811 Datasheet HTML 94Page - Texas Instruments TMS320F2811 Datasheet HTML 95Page - Texas Instruments TMS320F2811 Datasheet HTML 96Page - Texas Instruments TMS320F2811 Datasheet HTML 97Page - Texas Instruments TMS320F2811 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 173 page
background image
Electrical Specifications
94
April 2001 − Revised July 2007
SPRS174O
6.4
Current Consumption by Power-Supply Pins Over Recommended Operating Conditions
During Low-Power Modes at 150-MHz SYSCLKOUT (TMS320F281x)
MODE
TEST CONDITIONS
IDD
IDDIO†
IDD3VFL
IDDA‡
MODE
TEST CONDITIONS
TYP
MAX§
TYP
MAX§
TYP
MAX§
TYP
MAX§
Operational
All peripheral clocks are enabled. All
PWM pins are toggled at 100 kHz.
Data is continuously transmitted out of
the SCIA, SCIB, and CAN ports. The
hardware multiplier is exercised.
Code is running out of flash with 5
wait-states.
195 mA¶
230 mA
15 mA
30 mA
40 mA
45 mA
40 mA
50 mA
IDLE
− Flash is powered down
− XCLKOUT is turned off
− All peripheral clocks are on,
except ADC
125 mA
150 mA
5 mA
10 mA
2
µA
4
µA
1
µA
20
µA
STANDBY
− Flash is powered down
− Peripheral clocks are turned off
− Pins without an internal PU/PD
are tied high/low
5 mA
10 mA
5
µA
20
µA
2
µA
4
µA
1
µA
20
µA
HALT
− Flash is powered down
− Peripheral clocks are turned off
− Pins without an internal PU/PD
are tied high/low
− Input clock is disabled
70
µA
5
µA
20
µA
2
µA
4
µA
1
µA
20
µA
† IDDIO current is dependent on the electrical loading on the I/O pins.
‡ IDDA includes current into VDDA1, VDDA2, AVDDREFBG, and VDDAIO pins.
§ MAX numbers are at 125°C, and MAX voltage (VDD = 2.0 V; VDDIO, VDD3VFL, VDDA = 3.6 V).
¶ IDD represents the total current drawn from the 1.8-V rail (VDD). It includes a small amount of current (<1 mA) drawn by VDD1.
NOTE:
HALT and STANDBY modes cannot be used when the PLL is disabled.
6.5
Current Consumption by Power-Supply Pins Over Recommended Operating Conditions
During Low-Power Modes at 150-MHz SYSCLKOUT (TMS320C281x)
MODE
TEST CONDITIONS
IDD
IDDIO†
IDDA‡
MODE
TEST CONDITIONS
TYP
MAX§
TYP
MAX§
TYP
MAX§
Operational
All peripheral clocks are enabled. All PWM pins are
toggled at 100 kHz.
Data is continuously transmitted out of the SCIA, SCIB,
and CAN ports. The hardware multiplier is exercised.
Code is running out of ROM with 5 wait-states.
210 mA¶
260 mA
20 mA
30 mA
40 mA
50 mA
IDLE
− XCLKOUT is turned off
− All peripheral clocks are on, except ADC
140 mA
165 mA
20 mA
30 mA
5
µA
10
µA
STANDBY
− Peripheral clocks are turned off
− Pins without an internal PU/PD are tied high/low
5 mA
10mA
5
µA
20
µA
5
µA
10
µA
HALT
− Peripheral clocks are turned off
− Pins without an internal PU/PD are tied high/low
− Input clock is disabled
70
µA
5
µA
10
µA
1
µA
† IDDIO current is dependent on the electrical loading on the I/O pins.
‡ IDDA includes current into VDDA1, VDDA2, AVDDREFBG, and VDDAIO pins.
§ MAX numbers are at 125°C, and MAX voltage (VDD = 2.0 V; VDDIO, VDD3VFL, VDDA = 3.6 V).
¶ IDD represents the total current drawn from the 1.8-V rail (VDD). It includes a small amount of current (<1 mA) drawn by VDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com