Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 98Page - Texas Instruments TMS320F2811 Datasheet HTML 99Page - Texas Instruments TMS320F2811 Datasheet HTML 100Page - Texas Instruments TMS320F2811 Datasheet HTML 101Page - Texas Instruments TMS320F2811 Datasheet HTML 102Page - Texas Instruments TMS320F2811 Datasheet HTML 103Page - Texas Instruments TMS320F2811 Datasheet HTML 104Page - Texas Instruments TMS320F2811 Datasheet HTML 105Page - Texas Instruments TMS320F2811 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 173 page
background image
Electrical Specifications
102
April 2001 − Revised July 2007
SPRS174O
6.14
Device Clock Table
This section provides the timing requirements and switching characteristics for the various clock options
available on the F281x and C281x DSPs. Table 6−3 lists the cycle times of various clocks.
Table 6−3. TMS320F281x and TMS320C281x Clock Table and Nomenclature
MIN
NOM
MAX
UNIT
On-chip oscillator clock
tc(OSC) , Cycle time
28.6
50
ns
On-chip oscillator clock
Frequency
20
35
MHz
XCLKIN
tc(CI) , Cycle time
6.67
250
ns
XCLKIN
Frequency
4
150
MHz
SYSCLKOUT
tc(SCO) , Cycle time
6.67
500
ns
SYSCLKOUT
Frequency
2
150
MHz
XCLKOUT
tc(XCO) , Cycle time
6.67
2000
ns
XCLKOUT
Frequency
0.5
150
MHz
HSPCLK
tc(HCO) , Cycle time
6.67
13.3‡
ns
HSPCLK
Frequency
75‡
150
MHz
LSPCLK
tc(LCO) , Cycle time
13.3
26.6‡
ns
LSPCLK
Frequency
37.5‡
75
MHz
ADC clock
tc(ADCCLK) , Cycle time†
40
ns
ADC clock
Frequency
25
MHz
SPI clock
tc(SPC) , Cycle time
50
ns
SPI clock
Frequency
20
MHz
McBSP
tc(CKG) , Cycle time
50
ns
McBSP
Frequency
20
MHz
XTIMCLK
tc(XTIM) , Cycle time
6.67
ns
XTIMCLK
Frequency
150
MHz
† The maximum value for ADCCLK frequency is 25 MHz. For SYSCLKOUT values of 25 MHz or lower, ADCCLK has to be SYSCLKOUT/2 or lower.
ADCCLK = SYSCLKOUT is not a valid mode for any value of SYSCLKOUT.
‡ This is the default reset value if SYSCLKOUT = 150 MHz.
6.15
Clock Requirements and Characteristics
6.15.1
Input Clock Requirements
The clock provided at the XCLKIN pin generates the internal CPU clock cycle.
Table 6−4. Input Clock Frequency
PARAMETER
MIN
TYP
MAX
UNIT
Resonator
20
35
fx
Input clock frequency
Crystal
20
35
MHz
fx
Input clock frequency
XCLKIN
Without PLL
4
150
MHz
XCLKIN
With PLL
5
100
fl
Limp mode clock frequency
2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com