Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 108Page - Texas Instruments TMS320F2811 Datasheet HTML 109Page - Texas Instruments TMS320F2811 Datasheet HTML 110Page - Texas Instruments TMS320F2811 Datasheet HTML 111Page - Texas Instruments TMS320F2811 Datasheet HTML 112Page - Texas Instruments TMS320F2811 Datasheet HTML 113Page - Texas Instruments TMS320F2811 Datasheet HTML 114Page - Texas Instruments TMS320F2811 Datasheet HTML 115Page - Texas Instruments TMS320F2811 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 173 page
background image
Electrical Specifications
112
April 2001 − Revised July 2007
SPRS174O
6.18
Event Manager Interface
6.18.1
PWM Timing
PWM refers to all PWM outputs on EVA and EVB.
Table 6−16. PWM Switching Characteristics†‡
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(PWM)§
Pulse duration, PWMx output high/low
25
ns
td(PWM)XCO
Delay time, XCLKOUT high to PWMx output switching
XCLKOUT = SYSCLKOUT/4
10
ns
† See the GPIO output timing for fall/rise times for PWM pins.
‡ PWM pin toggling frequency is limited by the GPIO output buffer switching frequency (20 MHz).
§ PWM outputs may be 100%, 0%, or increments of tc(HCO) with respect to the PWM period.
Table 6−17. Timer and Capture Unit Timing Requirements¶#
MIN
MAX
UNIT
tw(TDIR)
Pulse duration, TDIRx low/high
Without input qualifier
2tc(SCO)
cycles
tw(TDIR)
Pulse duration, TDIRx low/high
With input qualifier
1tc(SCO) + IQT||
cycles
tw(CAP)
Pulse duration, CAPx input low/high
Without input qualifier
2tc(SCO)
cycles
tw(CAP)
Pulse duration, CAPx input low/high
With input qualifier
1tc(SCO) + IQT||
cycles
tw(TCLKINL)
Pulse duration, TCLKINx low as a percentage of TCLKINx cycle time
40
60
%
tw(TCLKINH)
Pulse duration, TCLKINx high as a percentage of TCLKINx cycle time
40
60
%
tc(TCLKIN)
Cycle time, TCLKINx
4tc(HCO)
ns
¶ The QUALPRD bit field value can range from 0 (no qualification) through 0xFF (510 SYSCLKOUT cycles). The qualification sampling period is
2n SYSCLKOUT cycles, where “n” is the value stored in the QUALPRD bit field. As an example, when QUALPRD = 1, the qualification sampling
period is 1 x 2 = 2 SYSCLKOUT cycles (i.e., the input is sampled every 2 SYSCLKOUT cycles). Six such samples will be taken over five sampling
windows, each window being 2n SYSCLKOUT cycles. For QUALPRD = 1, the minimum width that is needed is 5 x 2 = 10 SYSCLKOUT cycles.
However, since the external signal is driven asynchronously, a 11-SYSCLKOUT-wide pulse ensures reliable recognition.
# Maximum input frequency to the QEP = min[HSPCLK/2, 20 MHz]
|| Input Qualification Time (IQT) = [tc(SCO)  2  QUALPRD]  5 + [tc(SCO)  2  QUALPRD].
tw(PWM)
td(PWM)XCO
PWMx
XCLKOUT†
† XCLKOUT = SYSCLKOUT
Figure 6−18. PWM Output Timing
XCLKOUT†
tw(TDIR)
TDIRx
† XCLKOUT = SYSCLKOUT
Figure 6−19. TDIRx Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com