Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZIOL2201 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 40Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 41Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 42Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 43Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 44Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 45Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 46Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 47Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
44
April 26, 2016
3.3.10. Interrupt and IC Lock Mode Control
3.3.10.1. Interrupt Handling
The INT_L pin provides indication functionality for a set of IC-internal exceptions. Once an exception had
occurred, expressed as logic low of the INT_L signal, the actual cause can be evaluated by reading the IC’s
status register via the SPI interface. Depending on the condition – a reset of the exception by reading the
corresponding status register can be performed.
The following exceptions are combined in the INT indication functionality:
• Lock caused by power fail detector (refer to chapter 3.5)
• Lock caused by COM-Overload (refer to chapter 3.3.10)
• Lock caused by AUX-Overload (refer to chapter 3.3.10)
• Lock caused by over-temperature (refer to chapter 3.3.10)
• EEPROM-single-bit-error (refer to chapter 3.3.7)
• EEPROM-2bit-error (refer to chapter 3.3.7)
• Valid-flag-cleared due to possibly corrupt EEPROM (refer to chapter 3.3.7)
• WURQ detected (refer to chapter 3.3.4)
Figure 3.14 illustrates the handling of the above mentioned exceptions and their monitoring. It also shows how to
configure the interrupt (INT_L pin) and wake-up (WURQ_L pin) signal generation. Besides several exceptions
concerning channel overload, die over-temperature and IO-Link specific wake-up situations the IC can also signal
problems as regards the EEPROM.
Since the configuration registers get their content initially from the EEPROM, the data should be correct. The
following described features make sure that no corrupt EEPROM data can cause unwanted IC configurations.
An EEPROM single bit error indicates a one bit problem in the content of the EEPROM. Since the EEPROM
includes a self correction, one bit errors will be detected and corrected automatically. However, the indication shall
trigger a rewrite
1 of the entire EEPROM content.
The EEPROM 2-bit error indicates a two bit problem in the content of the EEPROM. That error is not
automatically corrected, so the content of the EEPROM can not be considered as correct. Thus a reprogramming
is absolutely required.
The valid-flag is used to indicate that the last write access to the EEPROM was successful. If the valid-flag
indicates a problem, then the chip configuration has to be regarded as faulty – no save IC function can be
guaranteed. Rewriting of the entire EEPROM content is necessary. In case of a regular write process to the
EEPROM is not completed, for instance by an interruption of the IC supply power within the ongoing write
process, the valid-flag will indicate this as a problem because of the EEPROM content might be corrupt.
Besides the signalization of IC-internal exceptions the IN_L pin signals also the system reset state. The system
reset state is indicated with active low on the INT_L pin.
1 Note: IC versions ZIOL2xx2 do not allow any write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com