Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX93CEC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 6Page - NXP Semiconductors IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors IMX93CEC Datasheet HTML 10Page - NXP Semiconductors IMX93CEC Datasheet HTML 11Page - NXP Semiconductors IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors IMX93CEC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
System Clock
Main CPU
Low Power Real Time Domain
External DRAM
32 kB I-cache
NEON
64 kB L2 Cache
FPU
32 kB D-cache
Performance Acceleration and IO Domain
Oscillator
DMA
Watchdog, Periodic Timer
Timer/PWM x2, Timer x2
Temperature Sensor
PLLs
256 kB L3 Cache (ECC)
Arm Cortex-M33
16 kB+16 kB Code+Sys Cache
FPU
MPU
NVIC
256 kB TCM/OCRAM w/ECC
LPUART x2, SPI x2
I2C x2, I3C
CAN-FD
2-lane I2S TDM Tx/Rx
8-ch PDM Mic Input
MQS
x16 LPDDR4/4X (Inline ECC)
Crypto
Tamper Detection
Secure Clock
Secure Boot
eFuse Key Storage
Random Number
LPUART x6, SPI x6
I2C x6, I3C
CAN-FD
FlexIO x2
ADC (4-channel, 12-bit)
2x Gigabit Ethernet (1 w/TSN)
2x USB 2.0
5-lane I
2S TDM Tx/Rx, SPDIF
8 bpp Parallel YUV/RGB Camera
Parallel RGB Display
PXP with 2D Graphics
-
High-efficiency NPU
MIPI-CSI 2-lane w/PHY
MIPI-DSI 4-lane w/PHY
4-lane LVDS w/PHY
DMA
Watchdog x3, Periodic Timer
Timer/PWM x2, Timer x2
Secure JTAG
3x SD/SDIO 3.0/eMMC 5.1
Octal SPI FLASH w/Inline Crypto
640 kB OCRAM w/ECC
EdgeLock Secure Enclave
2x Cortex-A55
System Control
Low Power Security MCU
Connectivity and I/O
Connectivity and I/O
ML and Multimedia
System Control
Memory
Figure 2. i.MX 93 system block diagram
3 Special signal considerations
Table 3 lists special signal considerations for the i.MX 93 processors. The signal names are listed in alphabetical order.
The package contact assignments can be found in Package information and contact assignments. Signal descriptions are
provided in the
i.MX 93 Reference Manual (IMX93RM).
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
10 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com