Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN230N20T Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXFN230N20T
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXFN230N20T Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXFN230N20T Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXFN230N20T Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXFN230N20T Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISFM1387
eq IXFN230N20T
N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage VGS= 0V, ID= 3mA
200
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 200V, VGS= 0V
--
50
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V, VDS= 0V
--
±
200
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 8mA
3.0
5.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V, ID= 60A
--
7.5
VSD
Forward On-Voltage
IS= 60A, VGS= 0V
--
1.3
V
PACKAGE DIMENSIONS (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com