Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M4952M Datasheet(PDF) 3 Page - EPCOS

Part # M4952M
Description  Vestigial Sideband Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M4952M Datasheet(HTML) 3 Page - EPCOS

  M4952M Datasheet HTML 1Page - EPCOS M4952M Datasheet HTML 2Page - EPCOS M4952M Datasheet HTML 3Page - EPCOS M4952M Datasheet HTML 4Page - EPCOS M4952M Datasheet HTML 5Page - EPCOS M4952M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 31, 2006
SAW Components
M 4952 M
45,75 MHz
Vestigial Sideband Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
43,56 (43,50) MHz
13,3
14,8
16,3
dB
following data
Relative attenuation
α
rel
Picture carrier
45,81 (45,75) MHz
–1,1
–0,1
0,9
dB
46,56 (46,50) MHz
4,2
5,7
7,2
dB
Color carrier
42,23 (42,17) MHz
–0,9
0,1
1,1
dB
Sound carrier
41,31 (41,25) MHz
–1,4
–0,4
0,6
dB
Adjacent picture carrier
39,81 (39,75) MHz
36,0
53,0
dB
Adjacent sound carrier
47,31 (47,25) MHz
30,0
35,0
dB
51,31 (51,25) MHz
40,0
54,0
dB
Lower sidelobe
35,06 ... 39,81 (35,00 ... 39,75) MHz
35,0
41,0
dB
Upper sidelobe
47,91 ... 55,06 (47,85 ...55,00) MHz
38,0
45,0
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
54,0
dB
(test pulse 250 ns,
carrier frequency 43,56 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns,
carrier frequency 43,56 MHz)
Group delay ripple (p-p)
∆τ
40,56 ... 46,56 (40.50 ... 46.50) MHz
50
ns
Impedance at 43,56 MHz
Input:
ZIN
=
RIN
||
CIN
1,4 ||12,7
k
Ω || pF
Output:
ZOUT = ROUT || COUT
1,2 || 4,4
—k
Ω || pF
Temperature coefficient of frequency
TCf
-72
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com