Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL95810UIRT8Z Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL95810UIRT8Z
Description  Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 256 Taps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL95810UIRT8Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL95810UIRT8Z Datasheet HTML 1Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 2Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 3Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 4Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 5Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 6Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 7Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 8Page - Renesas Technology Corp ISL95810UIRT8Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL95810
FN8090 Rev.3.01
Page 3 of 14
Jun 5, 2020
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at Any Digital Interface Pin
with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
Voltage at Any DCP Pin with
Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld DFN Package (Notes 4, 5) . . . . . . . . .
48
6
8 Ld MSOP Package (Notes 6, 7) . . . . . . . .
151
50
Recommended Operating Conditions
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Extended Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating of Each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . .5mW
Wiper Current of Each DCP. . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” can cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
4.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features. See
TB379.
5. For
JC, the case temperature location is the center of the exposed metal pad on the package underside.
6.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board. See TB379.
7. For
JC, the case temperature location is taken at the package top center.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 8)
MAX
UNIT
RH to RL Resistance
RTOTAL
W, U versions respectively
10, 50
RH to RL Resistance Tolerance
-20
+20
%
Wiper Resistance
RW
VCC = 3.3V at +25°C
Wiper current = VCC/RTOTAL
70
200
Ω
Potentiometer Capacitance
(Note 22)
CH/CL/CW
10/10/25
pF
Leakage on DCP Pins (Note 22)ILkgDCP
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (0V at RL; VCC at RH; measured at RW, unloaded)
Integral Non-Linearity
INL (Note 13)-1
1
LSB (Note 9)
Differential Non-Linearity
DNL (Note 12) Monotonic over all tap positions
W option -0.75
-0.75
LSB (Note 9)
U option
-0.5
-0.5
LSB (Note 9)
Zero-Scale Error
ZSerror
(Note 10)
W option
0
1
7
LSB (Note 9)
U option
0
0.5
2
Full-Scale Error
FSerror
(Note 11)
W option
-7
-1
0
LSB (Note 9)
U option
-2
-0.5
0
Ratiometric Temperature Coefficient
TCV
(Notes 14,
15 22)
DCP Register set to 80 hex
±4
ppm/°C
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
Integral Non-Linearity
RINL
(Note 19)
DCP register set between 20 hex and FF hex.
Monotonic over all tap positions
-1
1
MI (Note 16)
Differential Non-Linearity
RDNL
(Note 12)
DCP register set between 20 hex
and FF hex. Monotonic over all tap
positions
W option -0.75
-0.75
MI (Note 16)
U option
-0.5
-0.5
MI (Note 16)
Offset
Roffset
(Note 17)
W option
0
1
7
MI (Note 16)
U option
0
0.5
2
MI (Note 16)
Resistance Temperature Coefficient
TCR
(Notes 20,
21, 22)
DCP register set between 20 hex and FF hex
±165
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com