Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACS722 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS722
Description  High Accuracy, Galvanically Isolated Current Sensor IC with Small Footprint SOIC8 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS722 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS722 Datasheet HTML 3Page - Allegro MicroSystems ACS722 Datasheet HTML 4Page - Allegro MicroSystems ACS722 Datasheet HTML 5Page - Allegro MicroSystems ACS722 Datasheet HTML 6Page - Allegro MicroSystems ACS722 Datasheet HTML 7Page - Allegro MicroSystems ACS722 Datasheet HTML 8Page - Allegro MicroSystems ACS722 Datasheet HTML 9Page - Allegro MicroSystems ACS722 Datasheet HTML 10Page - Allegro MicroSystems ACS722 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
High Accuracy, Galvanically Isolated Current Sensor IC
with Small Footprint SOIC8 Package
ACS722
7
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
xLLCTR-5AB PERFORMANCE CHARACTERISTICS
: TA Range L, valid at TA = – 40°C to 150°C, VCC = 3.3 V,
unless otherwise specif ied
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
NOMINAL PERFORMANCE
Current Sensing Range
IPR
–5
5
A
Sensitivity
Sens
IPR(min) < IP < IPR(max)
264
mV/A
Zero Current Output Voltage
VIOUT(Q)
Bidirectional; IP = 0 A
VCC ×
0.5
V
ACCURACY PERFORMANCE
Sensitivity Error
Esens
TA = 25°C to 150°C; measured at IP = IPR(max)
–2
2
%
TA = –40°C to 25°C; ; measured at IP = IPR(max)
±2.5
%
Offset Voltage [1]
VOE
IP = 0 A; TA = 25°C to 150°C
–15
15
mV
IP = 0 A; TA = -40°C to 25°C
±20
mV
Total Output Error [2]
ETOT
IP = IPR(max), TA = 25°C to 150°C
–2.5
2.5
%
IP = IPR(max), TA = –40°C to 25°C
±3
%
LIFETIME DRIFT CHARACTERISTICS
Sensitivity Error Lifetime Drift
Esens_drift
±2
%
Total Output Error Lifetime
Drift
Etot_drift
±2
%
[1]
Offset Voltage does not incorporate any error due to external magnetic fields. See section: Impact of External Magnetic Fields.
[2]
Percentage of IP, with IP = IPR(max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com