Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M29W040 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W040 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29W040 Datasheet HTML 11Page - STMicroelectronics M29W040 Datasheet HTML 12Page - STMicroelectronics M29W040 Datasheet HTML 13Page - STMicroelectronics M29W040 Datasheet HTML 14Page - STMicroelectronics M29W040 Datasheet HTML 15Page - STMicroelectronics M29W040 Datasheet HTML 16Page - STMicroelectronics M29W040 Datasheet HTML 17Page - STMicroelectronics M29W040 Datasheet HTML 18Page - STMicroelectronics M29W040 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
AI01365B
E
G
W
A0-A18
DQ0-DQ7
VALID
VALID
VCC
tVCHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
WRITE CYCLE
tDVWH
tWLWH
tGHWL
Figure 7. Write AC Waveforms, W Controlled
Note: Address are latched on the falling edge of W, Data is latched on the rising edge of W.
Program (PG) instruction. The memory can be
programmed Byte-by-Byte. This instruction uses
four write cycles. The Program command A0h is
written on the third cycle after two coded cycles. A
fourth write operation latches the Address on the
falling edge of W or E and the Data to be written
on its rising edge and starts the P/E.C. During the
execution of the program by the P/E.C., the mem-
ory will not acceptany instruction. Read operations
output the status bits after the programming has
started. The status bits DQ5, DQ6 and DQ7 allow
a checkof the statusof the programmingoperation.
Memory programming is made only by writing ’0’ in
place of ’1’ in a Byte.
Erase Suspend (ES) instruction. The Block
Erase operation may be suspended by this instruc-
tion which consists of writing the command B0h
without any specific addresscode. No codedcycles
are required.It allows reading of data from another
block while erase is in progress. Erase suspend is
accepted only during the Block Erase instruction
execution and defaults to read array mode. Writing
this command during Erase timeout will, in addition
to suspending the erase, terminate the timeout.
The Toggle Bit DQ6 stops toggling when the P/E.C.
is suspended. ToggleBit status must be monitored
at an address out of the block being erased. Toggle
Bit will stop toggling between 0.1
µs and 15µs after
the Erase Suspend (ES) command has been writ-
ten.
The M29W040 will then automatically set to Read
Memory Array mode. When erase is suspended,
Read from blocks being erased will output invalid
data, Read from block not being erased is valid.
During the suspension the memory will respond
only to Erase Resume (ER) and Reset (RST) in-
structions. RST command will definitively abort
erasure and result in the invalid data in the blocks
being erased.
Erase Resume (ER) instruction. If an Erase Sus-
pend instruction was previously executed, the
erase operation may be resumed by giving the
command 30h, at any address, and without any
coded cycles.
15/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com