Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DG91-7011-36-1012-R Datasheet(PDF) 1 Page - Solid State Supplies.

Part # DG91-7011-36-1012-R
Description  Micro ISO 280 Automotive Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DG91-7011-36-1012-R Datasheet(HTML) 1 Page - Solid State Supplies.

  DG91-7011-36-1012-R Datasheet HTML 1Page - Solid State Supplies. DG91-7011-36-1012-R Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DG91 Series
Micro ISO 280 Automotive Relays
1
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DG91 112123JHM
ü
RoHS
Compliant
Industry standard ISO 280 micro-relay
Up to 40A 12VDC inrush capability
2.8mm QC Terminals
-40°C to 125°C
RoHS & ELV Compliant
Complies with EN IEC 61810
Contacts
Ordering Code
Contact arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgSnO
2
D G 9 1 - 7 0 2 1 - 3 6 - 1 0 1 2 - R
Rated current
DC1 SPST: 35A, SPDT: 35A, 25A (NO/NC) 14VDC
Max. switching voltage
75VDC
Series
Coil code:
Max. breaking capacity
490W
See table 1
Max. switching current
40A
Contact material
Initial contact resistance
100mΩ (1A 6VDC)
70: AgSnO
2
Min. switched load
recommended 100mA / 12VDC
Max. operating frequency
rated load 360 cycles/hour
Contact arrangement
Coil
11: SPDT (1 Form C)
Operating range
DC See table 1
21: SPST-NO (1 Form A)
Rated power consumption
W 1.3 @ 23°C (std), 0.9 @ 23°C (sensitive)
Operate / Release time
ms ≤ 10
Mounting & terminations
Insulation
36: Plug-in, 2.8mm QC, Dust cover
Coil insulation system
IEC 31, CLASS F 155°C
86: Plug-in, 2.8mm QC, Sealed IP67
Insulation resistance >100 MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms (50/60Hz, 1min, <1mA leakage)
Options
open contacts 500Vrms (50/60Hz, 1min, <1mA leakage)
Nil: Standard - no options
General Data
DR: Integral diode -85, +86 (standard)
Electrical life at full rated load
cycles > 1 x 105
R:
Parallel resistor
Mechanical life
cycles > 1 x 107
Environmental
Environmental protection
IP67 or dust cover
Ambient temperature
-40 to +125°
Relative humidity
85% (40°C)
Mechanical shock
20g, 11ms
Vibration resistance
10-40Hz: DA1.27mm, 40-70Hz 5g
70-100Hz: DA 0.5mm, 100-500Hz: 10g
Dimensions
L x W x H 22.5 x 15 x 25.4 (excluding terminals)
Weight
approx. 21g


Similar Part No. - DG91-7011-36-1012-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG91-7011-36-1012-R WILLOW-DG91-7011-36-1012-R Datasheet
269Kb / 3P
micro 280 automotive relay
More results

Similar Description - DG91-7011-36-1012-R

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
American Zettler, Inc.
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
40 AMP 280-ISO AUTOMOTIVE RELAY
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
Automotive Relays Plug-in Maxi ISO Relays
F4-A TEC-F4-A Datasheet
298Kb / 3P
Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
Automotive Relays Plug-in Mini ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
Automotive Relays Plug-in Micro ISO Relays
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
micro 280 automotive relay
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com