Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W83195BR-341 Datasheet(PDF) 4 Page - Winbond

Part # W83195BR-341
Description  WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BR-341 Datasheet(HTML) 4 Page - Winbond

  W83195BR-341_06 Datasheet HTML 1Page - Winbond W83195BR-341_06 Datasheet HTML 2Page - Winbond W83195BR-341_06 Datasheet HTML 3Page - Winbond W83195BR-341_06 Datasheet HTML 4Page - Winbond W83195BR-341_06 Datasheet HTML 5Page - Winbond W83195BR-341_06 Datasheet HTML 6Page - Winbond W83195BR-341_06 Datasheet HTML 7Page - Winbond W83195BR-341_06 Datasheet HTML 8Page - Winbond W83195BR-341_06 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
W83195BR-341/W83195BG-341
CLOCK GEN. FOR VIA P4/KT SERIES CHIPSET
Publication Release Date: March, 2006
- III -
Revision 1.1
8.
ACCESS INTERFACE .............................................................................................................. 16
8.1
Block Write protocol ...............................................................................................................16
8.2
Block Read protocol ...............................................................................................................16
8.3
Byte Write protocol .................................................................................................................16
8.4
Byte Read protocol.................................................................................................................16
9.
SPECIFICATIONS .................................................................................................................... 17
9.1
ABSOLUTE MAXIMUM RATINGS .......................................................................................17
9.2
General Operating Characteristics ........................................................................................17
9.3
Skew Group timing clock........................................................................................................17
9.4
CPU 0.7V Electrical Characteristics ......................................................................................18
9.5
CPU 1.0V Electrical Characteristics ......................................................................................18
9.6
AGP Electrical Characteristics...............................................................................................18
9.7
PCI Electrical Characteristics.................................................................................................19
9.8
24M, 48M Electrical Characteristics ......................................................................................19
9.9
REF Electrical Characteristics ...............................................................................................19
10.
ORDERING INFORMATION..................................................................................................... 20
11.
HOW TO READ THE TOP MARKING...................................................................................... 20
12.
PACKAGE DRAWING AND DIMENSIONS.............................................................................. 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com