Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4993MD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4993MD
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993MD Datasheet(HTML) 5 Page - STMicroelectronics

  L4993MD Datasheet HTML 1Page - STMicroelectronics L4993MD Datasheet HTML 2Page - STMicroelectronics L4993MD Datasheet HTML 3Page - STMicroelectronics L4993MD Datasheet HTML 4Page - STMicroelectronics L4993MD Datasheet HTML 5Page - STMicroelectronics L4993MD Datasheet HTML 6Page - STMicroelectronics L4993MD Datasheet HTML 7Page - STMicroelectronics L4993MD Datasheet HTML 8Page - STMicroelectronics L4993MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
L4993
Block diagram and pins description
5/30
1
Block diagram and pins description
Figure 1.
Block diagram
Thermal
protection
Watchdog
Reset
Voltage reference
-
+
Thermal
protection
Thermal
protection
Watchdog
Reset
Voltage reference
Voltage reference
Voltage reference
-
+
VRes
VO
Vcr
VS
VCW
VWEn
IO
IS
ICW
5V, 150 mA
VWi
Gnd
Iwi
IWEn
Icr
IRes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com