Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R8151X034B Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # R8151X034B
Description  50 mA 36 V Input LDO Regulator for Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8151X034B Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R8151X034B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R8151X034B Datasheet HTML 24Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
R8151x
NO. EC-223-220825
21
R8151x120B
5) Supply Current vs. Input Voltage (Ta=25
C)
R8151x025B
R8151x050B
R8151x120B
11.6
11.7
11.8
11.9
12.0
12.1
12.2
12.3
12.4
-50 -25
0
25
50
75
100 125
Temperature Topt [°C]
0
2
4
6
8
10
12
14
16
18
010
20
30
40
Input Voltage VIN [V]
110°C
25°C
-40°C
0
2
4
6
8
10
12
14
16
18
0
102030
40
Input Voltage VIN [V]
110°C
25°C
-40°C
0
2
4
6
8
10
12
14
16
18
0
102030
40
Input Voltage VIN [V]
110°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com