Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

9SQ445 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 9SQ445
Description  CK440Q Lite PCIe Gen6 Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQ445 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 9SQ445 Datasheet HTML 7Page - Renesas Technology Corp 9SQ445 Datasheet HTML 8Page - Renesas Technology Corp 9SQ445 Datasheet HTML 9Page - Renesas Technology Corp 9SQ445 Datasheet HTML 10Page - Renesas Technology Corp 9SQ445 Datasheet HTML 11Page - Renesas Technology Corp 9SQ445 Datasheet HTML 12Page - Renesas Technology Corp 9SQ445 Datasheet HTML 13Page - Renesas Technology Corp 9SQ445 Datasheet HTML 14Page - Renesas Technology Corp 9SQ445 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
©2021–2023 Renesas Electronics Corporation
R31DS0066EU0103 May 8, 2023
9SQ445 Datasheet
1 PWRGD/PWRGDN# = 1, all outputs enabled.
2 PWRGD/PWRGDN# = 0.
3 For outputs are driving source-terminated high-impedance loads. Add 7mA for each output at 25M driving a double-terminated load and 2.5mA for
each output at 100M driving a double-terminated load.
1 Peak-to-peak values. The device meets all AC/DC parameters in the presence of at least this much noise.
1 After this period, the first clock is generated.
2 The 9SQ44x device maintains 300ns data hold time for backwards compatibility with the SMBus 2.0 specification. Newer versions of the SMBus
specification call out 0ns data hold time for both 100kHz and 400kHz classes.
3 The 9SQ44x provided additional SMBus protection by implementing a timeout for SMBDATA being held low in excess of tTIMEOUT, in addition to the
SMBCLK low timeout.
4 Devices participating in a transfer can abort the transfer in progress and release the bus when any single clock low interval exceeds the value of
tTIMEOUT, Minimum. After the master in a transaction detects this condition, it must generate a stop condition within or after the current data byte
in the transfer process. Devices that have detected this condition must reset their communication and be able to receive a new START condition
no later than tTIMEOUT, Maximum. Typical device examples include the host controller, and embedded controller, and most devices that can master
the SMBus. Some simple devices do not contain a clock low drive circuit; this simple kind of device typically may reset its communications port
after a start or a stop condition. A timeout condition can only be ensured if the device that is forcing the timeout holds the SMBCLK low for tTIMEOUT,
Maximum or longer.
Table 12. Power Supply Noise Profile
Parameter
Symbol
Conditions
Minimum Typical Maximum
Units
Notes
Power Supply Noise
VDD_AC Single tone AC noise, swept.
—
50
—
mV
1
VDDA_AC VDD electrical noise > 20MHz.
—
50
—
mV
1
VDDXTAL VDD electrical noise 12kHz to 25MHz.
—
50
—
mV
1
Table 13. SMBus
Parameter
Symbol
100kHz Class Operation 400kHz Class Operation
Units Notes
Minimum
Maximum
Minimum
Maximum
SMBus Operating Frequency
fSMB
10
100
10
400
kHz
Bus Free Time between STOP and START Condition
tBUF
4.7
—
1.3
—
μs
Hold Time after (REPEATED) START Condition
tHD:STA
4
—
0.6
—
μs
1
REPEATED START Condition Setup Time
tSU:STA
4.7
—
0.6
—
μs
STOP Condition Setup Time
tSU:STO
4
—
0.6
—
μs
Data Hold Time
tHD:DAT
300
—
0
—
ns
2
Data Setup Time
tSU:DAT
250
—
100
—
ns
Detect SMBDAT Low Timeout
tTIMEOUT
25
35
25
35
ms
3
Detect Clock Low Timeout
tTIMEOUT
25
35
25
35
ms
4
Clock Low Period
tLOW
4.7
—
1.3
—
μs
Clock High Period
tHIGH
4
50
0.6
50
μs
5
Clock/Data Fall Time
tF
—
300
—
300
ns
6
Clock/Data Rise Time
tR
—
1000
—
300
ns
6
Time in which a device must be operational after power-on
reset
tPOR
—
500
—
500
ms
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com