Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M39432 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 20Page - STMicroelectronics M39432 Datasheet HTML 21Page - STMicroelectronics M39432 Datasheet HTML 22Page - STMicroelectronics M39432 Datasheet HTML 23Page - STMicroelectronics M39432 Datasheet HTML 24Page - STMicroelectronics M39432 Datasheet HTML 25Page - STMicroelectronics M39432 Datasheet HTML 26Page - STMicroelectronics M39432 Datasheet HTML 27Page - STMicroelectronics M39432 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25/28
M39432
Table 19. Ordering Information Scheme
Note: 1. The –V voltage range is no longer offered, since the –W range also covers these voltages. Similarly, products are no longer offered
with a –20 or –25 marking (200 ns or 250 ns) since these are covered by the –15 (150 ns) part; and products are no longer offered
with the 1 or 5 temperature ranges (0 to 70°C or –20 to 85°C) since these are covered by the 6 temperature range.
Example:
M39432
-15
W
NC
1
T
Option
Speed
T
Tape & Reel Packing
-10
100 ns
-12
120 ns
-15
150 ns
Temperature Range
6
–40 to 85 °C
Operating Voltage
W
2.7 V to 3.6 V
Package
V1
3.0 V to 3.6 V
NC
TSOP40: 10 x 20 mm
Figure 17. EEPROM Page Write Mode AC Waveforms (W Controlled)
AI02028
A0-A14
E
G
DQ0-DQ7
W
tWLWL
Addr 0
RB
Addr 1
Addr 2
Addr n
tWHRH
tWLWH
tWHWL
tWHRL
Byte 0
Byte 1
Byte 2
Byte n
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh).
The notation used for the device number is as
shown in Table 19. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com