Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLT3-4B Datasheet(PDF) 9 Page - STMicroelectronics

Part # CLT3-4B
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CLT3-4B Datasheet HTML 5Page - STMicroelectronics CLT3-4B Datasheet HTML 6Page - STMicroelectronics CLT3-4B Datasheet HTML 7Page - STMicroelectronics CLT3-4B Datasheet HTML 8Page - STMicroelectronics CLT3-4B Datasheet HTML 9Page - STMicroelectronics CLT3-4B Datasheet HTML 10Page - STMicroelectronics CLT3-4B Datasheet HTML 11Page - STMicroelectronics CLT3-4B Datasheet HTML 12Page - STMicroelectronics CLT3-4B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CLT3-4B
Application information
9/13
Figure 10.
Current sharing in the CLT device when IN4 is biased at - 30 V and the
others at + 30 V, RI = 1.8 kΩ
Figure 11.
TSSOP20 printed circuit board example
The input and supply pins are designed to withstand electromagnetic interferences. As
shown on the device block diagram, each channel input is protected by a clamping diode
that is connected to the common pin COM. Combined with a serial input resistance
RI = 1.2 kΩ, this clamping diode implements an effective protection against transient voltage
burst (± 4 kV, IEC 61000-4-4) and voltage surge (± 1 kV, IEC 61000-4-5).
OPTO
N
1.8 k
Ω
I
1
I
2 =-
COM
OUT
1
OUT
2
I
REG4
V
C
CLT3 - 4
IN
4
IN
N
OPTO
4
I
REG N
V
CL= 38 V
1.8 k
Ω
OPTO
N
4.7 k
Ω
I
1 = + 30 V
I
2 = -30 V
GND (0 V)
Vcc = + 30 V
0.8 mA
3.7 mA
16.2 mA
COM
OUT
1
OUT
2
I
REG4
V
C
CLT3 - 4
IN
4
IN
N
OPTO
4
I
REG N
GND
COOLING PAD
COMMON PAD
COM
IN
1
ESD
12
IN
2
OUT
1
OUT
2
OUT
4
OUT
3
COM
34
ESD
34
COM
COM
IN
3
IN
4
COM
12
V
C
ESD
C
COM
COM
COM
MODULE
CONNECTOR
GND
COOLING PAD
COMMON PAD
COM
IN
1
ESD
12
IN
2
OUT
1
OUT
2
OUT
4
OUT
3
COM
34
ESD
34
COM
COM
IN
3
IN
4
COM
12
V
C
ESD
C
COM
COM
COM
COM
IN
1
ESD
12
IN
2
OUT
1
OUT
2
OUT
4
OUT
3
COM
34
ESD
34
COM
COM
IN
3
IN
4
COM
12
V
C
ESD
C
COM
COM
COM
MODULE
CONNECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com