Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M41T00 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M41T00
Description  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00 Datasheet(HTML) 2 Page - STMicroelectronics

  M41T00 Datasheet HTML 1Page - STMicroelectronics M41T00 Datasheet HTML 2Page - STMicroelectronics M41T00 Datasheet HTML 3Page - STMicroelectronics M41T00 Datasheet HTML 4Page - STMicroelectronics M41T00 Datasheet HTML 5Page - STMicroelectronics M41T00 Datasheet HTML 6Page - STMicroelectronics M41T00 Datasheet HTML 7Page - STMicroelectronics M41T00 Datasheet HTML 8Page - STMicroelectronics M41T00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M41T00
2/15
Figure 2. SOIC Connections
1
SDA
VSS
SCL
FT/OUT
OSCO
OSCI
VCC
VBAT
AI00531
M41T00
2
3
4
8
7
6
5
Table 2. Absolute Maximum Ratings
Note: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of
this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect reliability.
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 85
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–55 to 125
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
IO
Output Current
20
mA
PD
Power Dissipation
0.25
W
The M41T00 clock has a built-in power sense cir-
cuit which detects power failures and automatical-
ly switches to the battery supply during power
failures. The energy needed to sustain the RAM
and clock operations can be supplied from a small
lithium coin cell.
Typical data retention time is in excess of 5years
with a 50mA/h 3V lithium cell. The M41T00 is sup-
plied in 8 lead Plastic Small Outline package.
OPERATION
The M41T00 clock operates as a slave device on
the serial bus. Access is obtained by implementing
a start condition followed by the correct slave ad-
dress (D0h). The 8 bytes contained in the device
can then be accessed sequentially in the following
order:
1.
Seconds Register
2.
Minutes Register
3.
Century/Hours Register
4.
Day Register
5.
Date Register
6.
Month Register
7.
Years Register
8.
Control Register
The M41T00 clock continually monitors VCC for an
out of tolerance condition. Should VCC fall below
VSO, the device terminates an access in progress
and resets the device address counter. Inputs to
the device will not be recognized at this time to
prevent erroneous data from being written to the
device from an out of tolerance system. When VCC
falls below VSO, the device automatically switches
over to the battery and powers down into an ultra
low current mode of operation to conserve battery
life. Upon power-up, the device switches from bat-
tery to VCC at VSO and recognizes inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com