Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T39Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48T39Y
Description  256 Kb 32K x8 TIMEKEEPER SRAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T39Y Datasheet(HTML) 2 Page - STMicroelectronics

  M48T39Y Datasheet HTML 1Page - STMicroelectronics M48T39Y Datasheet HTML 2Page - STMicroelectronics M48T39Y Datasheet HTML 3Page - STMicroelectronics M48T39Y Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M48T39Y
2/4
Figure 2. DIP Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
SQW
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
INTB
INTA
VCC
AI02312
10
1
2
5
6
7
8
9
11
12
13
14
15
16
30
29
26
25
24
23
22
21
20
19
18
17
A12
A14
W
VCC
3
4
28
27
32
31
M48T39Y
Table 1. Signal Names
A0-A14
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable Input
G
Output Enable Input
W
Write Enable Input
INTA
Interrupt Output A (Open Drain)
INTB
Interrupt Output B (Open Drain)
SQW
Square Wave Output
VCC
Supply Voltage
VSS
Ground
Table 2. Ordering Information Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M48T39Y
-100 PM
1
Device Type
M48T
Supply Voltage and Write Protect Voltage
39Y = VCC = 4.5V to 5.5V; VPFD = 4.2V to 4.5V
Speed
-100 = 100ns
-150 = 150ns
Package
PM = PMDIP32
Temperature Range
1 = 0 to 70 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com