Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T58 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48T58
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 3 Page - STMicroelectronics

  M48T58 Datasheet HTML 1Page - STMicroelectronics M48T58 Datasheet HTML 2Page - STMicroelectronics M48T58 Datasheet HTML 3Page - STMicroelectronics M48T58 Datasheet HTML 4Page - STMicroelectronics M48T58 Datasheet HTML 5Page - STMicroelectronics M48T58 Datasheet HTML 6Page - STMicroelectronics M48T58 Datasheet HTML 7Page - STMicroelectronics M48T58 Datasheet HTML 8Page - STMicroelectronics M48T58 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AI01030
5V
OUT
CL = 100pF or 5pF
CL includes JIG capacitance
1.9k
Ω
DEVICE
UNDER
TEST
1k
Ω
Figure 4. AC Testing Load Circuit
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Note that Output Hi-Z is defined as the point where data is no
longer driven.
Table 4. AC Measurement Conditions
AI01377C
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
FT
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
8 x 8 BiPORT
SRAM ARRAY
8184 x 8
SRAM ARRAY
A0-A12
DQ0-DQ7
E1
E2
W
G
POWER
Figure 3. Block Diagram
The M48T58/58Y is a non-volatile pin and function
equivalent to any JEDEC standard 8K x 8 SRAM.
It also easily fits into many ROM, EPROM, and
EEPROM sockets, providing the non-volatility of
PROMs without any requirement for special write
timing or limitations on the number of writes that
can be performed.
The 28 pin 600mil DIP CAPHAT
™ houses the
M48T58/58Y silicon with a quartz crystal and a long
life lithium button cell in a single package.
The 28 pin 330mil SOIC provides sockets with gold
plated contacts at both ends for direct connection
to a separate SNAPHAT housing containing the
battery and crystal. The unique design allows the
SNAPHAT battery package to be mounted on top
of the SOIC package after the completion of the
surface mount process. Insertion of the SNAPHAT
housing after reflow prevents potential battery and
crystal damage due to the high temperatures re-
quired for device surface-mounting. The SNAPHAT
housing is keyed to prevent reverse insertion.
The SOIC and battery/crystal packages are
shipped separately in plastic anti-static tubes or in
Tape & Reel form.
DESCRIPTION (cont’d)
3/17
M48T58, M48T58Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com