Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T59 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T59
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T59 Datasheet HTML 5Page - STMicroelectronics M48T59 Datasheet HTML 6Page - STMicroelectronics M48T59 Datasheet HTML 7Page - STMicroelectronics M48T59 Datasheet HTML 8Page - STMicroelectronics M48T59 Datasheet HTML 9Page - STMicroelectronics M48T59 Datasheet HTML 10Page - STMicroelectronics M48T59 Datasheet HTML 11Page - STMicroelectronics M48T59 Datasheet HTML 12Page - STMicroelectronics M48T59 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
M48T59, M48T59Y, M48T59V
WRITE MODE
The M48T59/59Y/59V is in the Write Mode when-
ever W and E are low. The start of a write is refer-
enced from the latter occurring falling edge of W or
E. A write is terminated by the earlier rising edge
of W or E. The addresses must be held valid
throughout the cycle. E or W must return high for
a minimum of tEHAX from Chip Enable or tWHAX
from Write Enable prior to the initiation of another
read or write cycle. Data-in must be valid tDVWH
prior to the end of write and remain valid for tWHDX
afterward. G should be kept high during write cy-
cles to avoid bus contention; although, if the output
bus has been activated by a low on E and G a low
on W will disable the outputs tWLQZ after W falls.
DATA RETENTION MODE
With valid VCC applied, the M48T59/59Y/59V op-
erates as a conventional BYTEWIDE static RAM.
Should the supply voltage decay, the RAM will au-
tomatically power-fail deselect, write protecting it-
self when VCC falls within the VPFD (max), VPFD
(min) window. All outputs become high imped-
ance, and all inputs are treated as "don’t care."
Note: A power failure during a write cycle may cor-
rupt data at the currently addressed location, but
does not jeopardize the rest of the RAM’s content.
At voltages below VPFD (min), the user can be as-
sured the memory will be in a write protected state,
provided the VCC fall time is not less than tF. The
M48T59/59Y/59V may respond to transient noise
spikes on VCC that reach into the deselect window
Table 11. Register Map
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
1FFFh
10 Years
Year
Year
00-99
1FFEh
0
0
0
10 M
Month
Month
01-12
1FFDh
0
0
10 Date
Date
Date
01-31
1FFCh
0
FT
CB
CEB
0
Day
Century/Day
00-01/01-07
1FFBh
0
0
10 Hours
Hours
Hour
00-23
1FFAh
0
10 Minutes
Minutes
Minutes
00-59
1FF9h
ST
10 Seconds
Seconds
Seconds
00-59
1FF8h
W
R
S
Calibration
Control
1FF7h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
1FF6h
AFE
Y
ABE
YYYYY
Interrupts
1FF5h
RPT4
Y
Al. 10 Date
Alarm Date
Alarm Date
01-31
1FF4h
RPT3
Y
Al. 10 Hours
Alarm Hours
Alarm Hours
00-23
1FF3h
RPT2
Alarm 10 Minutes
Alarm Minutes
Alarm Minutes
00-59
1FF2h
RPT1
Alarm 10 Seconds
Alarm Seconds
Alarm Seconds
00-59
1FF1h
YYY
YYYYY
Unused
1FF0h
WDF
AF
Z
BL
ZZZZ
Flags
Keys:
S = SIGN Bit
FT = FREQUENCY TEST Bit
R = READ Bit
W = WRITE Bit
ST = STOP Bit
0 = Must be set to zero
Y = ’1’ or ’0’
Z = ’0’ and are Read only
AF = Alarm Flag
BL = Battery Low
WDS = Watchdog Steering Bit
BMB0-BMB4 = Watchdog Multiplier Bits
RB0-RB1 = Watchdog Resolution Bits
AFE = Alarm Flag Enable
ABE = Alarm in Battery Back-up Mode Enable
RPT1-RPT4 = Alarm Repeat Mode Bits
WDF = Watchdog Flag
CEB = Century Enable Bit
CB = Century Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com