Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IFR6813 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # IFR6813
Description  Microwave Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6813 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  IFR6813 Datasheet HTML 1Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
L
Lo
ow
w P
Ph
ha
as
se
e N
No
oiis
se
e S
Sy
yn
ntth
he
es
siiz
ze
ed
d S
So
ou
urrc
ce
e w
wiitth
h 1
1H
Hz
z rre
es
so
ollu
uttiio
on
n
Microwave
IFR 6813/6815 Microwave Generator
Three models covering frequencies:
10 MHz to 20 GHz
10 MHz to 40 GHz
10 MHz to 46 GHz
Optional step attenuators
Integrated FM option, external FM stan-
dard, swept, CW and CW list mode
available
Optional trigger board
Modular design for rapid service
Built-in user level calibration
Synthesized Generator
The synthesized generator has low phase noise
and 1 Hz frequency resolution.
VCOs are used for frequencies above 3 GHz and
an integrated RF synthesizer for the 10 MHz to
3 GHz range. Internal filtering results in excellent
harmonic performance of <-55 dBc.
Optional step attenuators are available to set low
output powers for amplifier or receiver testing.
In CW mode the generator can be used for local
oscillator substitution. A power sweep is provided
for amplifier gain compression testing. External
FM can be applied by connecting an AF source to
the rear panel. With the FM option, an internal
generator provides frequency modulation of the
source.
When used with a scalar analyzer the generator
provides a swept synthesized output for frequency
characterization of components and systems.
List Mode
Frequency list mode provides up to 1024 frequencies that can be
entered into a list and output on receipt of a trigger command. The
trigger modes comprise: internal continuous, internal single step,
RS-232 control lines and external. The trigger sources can be from
either: menu softkey, GPIB or RS-232 command (GET or *TRG) or
a TTL trigger if the optional trigger board is fitted.
List mode can be enabled in either forward or reverse direction
through the frequency list.
Several lists can be stored as instrument settings to internal memo-
ry or floppy disks.
By using a 6230A or L series detector it is possible to carry out level
calibration.
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
S
SO
OU
UR
RC
CE
E
Functionality
Synthesized CW
Synthesized sweeper
Frequency List mode
CW Power sweep
External frequency modulation
Internal frequency modulation
with Option 023
Frequency Range
6813
10 MHz to 20 GHz
6815
10 MHz to 46 GHz
6815R 10 MHz to 40 GHz
Resolution (Settable)
6813
1 Hz to 20 GHz
6815
1 Hz to 46 GHz
6815.qxd
02/Dec/2004
13:39
Page 1


Similar Part No. - IFR6813

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
Ramp Test Set
More results

Similar Description - IFR6813

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
logo
List of Unclassifed Man...
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Keysight Technologies
N5183B KEYSIGHT-N5183B Datasheet
998Kb / 21P
MXG X-Series Signal Generator N5183B Microwave Analog
E8257D KEYSIGHT-E8257D Datasheet
5Mb / 37P
Microwave Analog Signal Generator
N5173B KEYSIGHT-N5173B Datasheet
484Kb / 20P
EXG X-Series Signal Generator N5173B Microwave Analog
logo
RFHIC
RIF252K-40T RFHIC-RIF252K-40T Datasheet
751Kb / 4P
GaN Solid State Microwave Generator
RIF253K-40T RFHIC-RIF253K-40T Datasheet
726Kb / 3P
GaN Solid State Microwave Generator
RIK0915K-40T RFHIC-RIK0915K-40T Datasheet
407Kb / 3P
GaN SSPA Microwave Generator
RIU256K0-40T RFHIC-RIU256K0-40T Datasheet
1Mb / 7P
GaN Microwave Generator
RIK2520K-40T RFHIC-RIK2520K-40T Datasheet
753Kb / 4P
GaN SSPA Microwave Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com