Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72361 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 4 Page - STMicroelectronics

  ST72361 Datasheet HTML 1Page - STMicroelectronics ST72361 Datasheet HTML 2Page - STMicroelectronics ST72361 Datasheet HTML 3Page - STMicroelectronics ST72361 Datasheet HTML 4Page - STMicroelectronics ST72361 Datasheet HTML 5Page - STMicroelectronics ST72361 Datasheet HTML 6Page - STMicroelectronics ST72361 Datasheet HTML 7Page - STMicroelectronics ST72361 Datasheet HTML 8Page - STMicroelectronics ST72361 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 224 page
background image
ST72361
4/224
1 DESCRIPTION
The ST72361 devices are members of the ST7 mi-
crocontroller family designed for mid-range appli-
cations with LIN (Local Interconnect Network) in-
terface.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set and are available with Flash or ROM pro-
gram memory. The ST7 family architecture offers
both power and flexibility to software developers,
enabling the design of highly efficient and compact
application code.
The on-chip peripherals include an A/D converter,
a PWM Autoreload timer, 2 general purpose tim-
ers, 2 asynchronous serial interfaces, and an SPI
interface.
For power economy, microcontroller can switch
dynamically into WAIT, SLOW, Active-Halt, Auto
Wake-up from HALT (AWU) or HALT mode when
the application is in idle or stand-by state.
Typical applications are consumer, home, office
and industrial products.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
OSC2
RESET
PORT A
CONTROL
RAM
PA7:0
(8 bits)1
PROGRAM
(16 - 60 Kbytes)
MEMORY
PLL x 2
PWM
8-Bit
PORT B
PORT C
SPI
LINSCI2
PB7:0
(8 bits)1
PC7:0
(8 bits)1
OSC
PORT D
PD7:0
(8 bits)1
/2
option
LINSCI1
16-Bit
TIMER
(LIN master)
(LIN master/slave)
VSS
VDD
POWER
SUPPLY
PORT E
PE7:0
(8 bits)1
PORT F
PF7:0
(8 bits)1
TIMER
ART
MCC
(Clock Control)
1On some devices only (see Device Summary on page 1)
TLI1
WATCHDOG
WINDOW
(1.5 - 2 Kbytes)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com