Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TUSB2136PM Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB2136PM
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136PM Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB2136PM Datasheet HTML 42Page - Texas Instruments TUSB2136PM Datasheet HTML 43Page - Texas Instruments TUSB2136PM Datasheet HTML 44Page - Texas Instruments TUSB2136PM Datasheet HTML 45Page - Texas Instruments TUSB2136PM Datasheet HTML 46Page - Texas Instruments TUSB2136PM Datasheet HTML 47Page - Texas Instruments TUSB2136PM Datasheet HTML 48Page - Texas Instruments TUSB2136PM Datasheet HTML 49Page - Texas Instruments TUSB2136PM Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
4−1
4 Application
4.1
Keyboard Section
Table 4−1 outlines the GPIO assignment for the switch-matrix scanning and for keyboard LED drive. Figure 4−1
illustrates the port-3 pins that are assigned to drive the four keyboard LEDs. As shown, P3[5:2] can sink up to 12 mA
(open-drain output) on each pin. Figure 4−2 illustrates the 18 outputs (open-drain) and the 8 inputs (internal pullups)
that are used for the switch-matrix scanning. Figure 4−3 illustrates the partial connection bus power mode. Figure
4−4 shows the USB upstream connection, and Figure 4−5 illustrates the downstream connection (only one port
shown).
Table 4−1. GPIO Assignment for Matrix Scan and LED Drive
GPIO
I/O
P0[7:0]
O
8-bit matrix-scan outputs
P1[7:0]
O
8-bit matrix-scan outputs
P3.6
O
1-bit matrix-scan output
P3.7
O
1-bit matrix-scan output
P2[7:0]
I
8-bit matrix-scan inputs
P3.2
O
Keyboard LED-1
P3.3
O
Keyboard LED-2
P3.4
O
Keyboard LED-3
P3.5
O
Keyboard LED-4
P3.0
I/O
GPIO (Not used for keyboard)
P3.1
I/O
GPIO (Not used for keyboard)
TUSB2136
P3.2
P3.3
P3.4
P3.5
VCC
Figure 4−1. Keyboard LED Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com