Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCIB40 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PCIB40
Description  40-Ch Digital I/O & Counter Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIB40 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PCIB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2192-09066-000-000
9
J206 PCIB40 Technical Manual
Links 3 & 4 Counter 1 and 2 Output Select
The outputs from counter 1 and 2 can be connected to the D-50 connector using LK4 and 3
respectively.
NOTE: The counter outputs are interfaced to the I/O connector using an inverting open-collector
driver. The output state is therefore the inverse of the counter output state defined in the data
sheet. When using the counter outputs, it is necessary to ensure that the I/O signals for group 2,
bits 0 and 1, are set for input mode by writing ‘1’s to both bits. This avoids the counter output
conflicting with the I/O port output.
User Configuration Record Diagram
LK3
Connects T2 output via inverter buffer, to RC24 (Digital group 2, bit 1)
Connects T1 output via inverter buffer, to RC23 (Digital group 2, bit 0)
LK4
LK23
LK24
LK14
LK13
LK22
LK12
LK21
LK11
LK20
LK10
A
B
A
B
A
B
A
B A
B A
B A
B A
B A
B A
B
LK1B
LK3
LK4
IRQ2
IRQ3
IRQ7
IRQ4
IRQ5
Link
LKA1
LKA2
LKA3
LKA4
LKA5
LKA6
LKA7
LKA8
LKA9
LK10
LK11
LK12
LK13
LK14
LK20
LK21
LK22
LK23
LK24
LK1A
LK1B
LK1C
LK3
LK4
IRQ2
IRQ3
IRQ4
IRQ5
IRQ3
IRQ7
Default
User
Link
Default
User



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com